Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2951CD-5R2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LP2951CD-5R2
Description  Micropower Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951CD-5R2 Datasheet(HTML) 5 Page - ON Semiconductor

  LP2951CD-5R2 Datasheet HTML 1Page - ON Semiconductor LP2951CD-5R2 Datasheet HTML 2Page - ON Semiconductor LP2951CD-5R2 Datasheet HTML 3Page - ON Semiconductor LP2951CD-5R2 Datasheet HTML 4Page - ON Semiconductor LP2951CD-5R2 Datasheet HTML 5Page - ON Semiconductor LP2951CD-5R2 Datasheet HTML 6Page - ON Semiconductor LP2951CD-5R2 Datasheet HTML 7Page - ON Semiconductor LP2951CD-5R2 Datasheet HTML 8Page - ON Semiconductor LP2951CD-5R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LP2950
http://onsemi.com
5
DEFINITIONS
Dropout Voltage – The input/output voltage differential
at which the regulator output no longer maintains regulation
against further reductions in input voltage. Measured when
the output drops 100 mV below its nominal value (which is
measured at 1.0 V differential), dropout voltage is affected
by junction temperature, load current and minimum input
supply requirements.
Line Regulation – The change in output voltage for a
change in input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that average chip temperature is not significantly
affected.
Load Regulation – The change in output voltage for a
change in load current at constant chip temperature.
Maximum Power Dissipation – The maximum total
device dissipation for which the regulator will operate
within specifications.
Bias Current – Current which is used to operate the
regulator chip and is not delivered to the load.
Output Noise Voltage – The rms ac voltage at the output,
with constant load and no input ripple, measured over a
specified frequency range.
Leakage Current – Current drawn through a bipolar
transistor collector–base junction, under a specified
collector voltage, when the transistor is “off”.
Upper Threshold Voltage – Voltage applied to the
comparator input terminal, below the reference voltage
which is applied to the other comparator input terminal,
which causes the comparator output to change state from a
logic “0” to “1”.
Lower Threshold Voltage – Voltage applied to the
comparator input terminal, below the reference voltage
which is applied to the other comparator input terminal,
which causes the comparator output to change state from a
logic “1” to “0”.
Hysteresis – The difference between Lower Threshold
voltage and Upper Threshold voltage.
Figure 1. Quiescent Current
–50
5.00
0
6.0
0
250
0.1
10
TA, AMBIENT TEMPERATURE (°C)
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
IL, LOAD CURRENT (mA)
Figure 2. Dropout Characteristics
Figure 3. Input Current
Figure 4. Output Voltage versus Temperature
1.0
10
100
1.0
2.0
3.0
4.0
5.0
6.0
5.0
10
15
20
25
0
50
100
150
1.0
0.1
0.01
5.0
4.0
3.0
2.0
1.0
0
4.99
4.98
4.97
4.96
4.95
200
150
100
50
0
RL = 50 k
RL = 50 Ω
0.1 mA Load Current
No Load
LP2951C
TA = 25°C
LP2951C
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com