Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF10C3742DTL Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10C3742DTL
Description  High Precision Thin Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10C3742DTL Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

Back Button WF10C3742DTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Approval Sheet
Page 6 of 10
ASC_WFxxC
MAR 2018
SOLDERING CONDITION
The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260
°C for 10
seconds. Therefore, it is possible to mount Surface Mount Resistors on one side of a PCB and other discrete
components on the reverse (mixed PCBs).
Surface Mount Resistors are tested for solderability at 235
°C during 2 seconds within lead-free solder bath. The
test condition for no leaching is 260
°C for 30 seconds. Typical examples of soldering profile and condition that
provide reliable joints without any damage are given in Fig 3. and Table 1.
Fig. 3 Infrared soldering profile for Chip Resistors
Table 1. Infrared soldering condition for Chip Resistors
Temperature Condition
Exposure Time
Average ramp-up rate (217
°C to 260°C)
Less than 3
°C/second
Between 150 and 200
°C
Between 60-120 seconds
> 217
°C
Between 60-150 seconds
Peak Temperature
260ºC +0/-5
°C
Time within 245
°C
Min. 30 seconds
Ramp-down rate (Peak to 217
°C)
Less than 6
°C/second
Time from 25
°C to Peak
No greater than 480 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com