Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF10C3742DTLQ Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10C3742DTLQ
Description  High Precision Thin Film chip resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10C3742DTLQ Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WF10C3742DTLQ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTLQ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTLQ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTLQ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTLQ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTLQ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTLQ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTLQ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10C3742DTLQ Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Approval Sheet
Page 3 of 10
ASC_WFxxC_Q
Dec - 2018
QUICK REFERENCE DATA
Item
General Specification
Series No.
WF25C_Q
WF20C_Q
WF10C_Q
WF12C_Q
WF08C_Q
WF06C_Q
WF04C_Q
Size Code
2512
(6432)
2010
(5025)
1210
(3225)
1206
(3216)
0805
(2012)
0603
(1608)
0402
(1005)
Resistance Tolerance
±1.0%, ±0.5%, ±0.25%, ±0.1%, ±0.05%, ±0.02%, ±0.01%
Resistance Range
10
Ω ~
600K
Ω
10
Ω ~
360K
Ω
10
Ω ~
150K
Ω
4.7
Ω ~
120K
Ω
4.7
Ω ~
80K
Ω
4.7
Ω ~
40K
Ω
10
Ω ~
8K
Ω
TCR
±2 ppm/°C
Max. Dissipation at
Tamb=70
°C
1W
3/4W
2/5W
1/4W
1/8W
1/10W
1/10W
Max. Operation Voltage
200V
200V
200V
200V
150V
75V
50V
Max. Overload Voltage
400V
400V
400V
400V
300V
150V
100V
Operating Temperature
- 55~ +155’C
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
DIMENSIONS:(unit:mm)
Type
WF25C_Q
WF20C_Q
WF10C_Q
WF12C_Q
WF08C_Q
WF06C_Q
WF04C_Q
L
6.35
±±±± 0.10
5.00
±±±± 0.10
3.10
±±±± 0.10
3.05
±±±± 0.15
2.00
±±±± 0.10
1.55
±±±± 0.10
1.00
±±±± 0.10
W
3.20
±±±± 0.15
2.50
±±±± 0.15
2.60
±±±± 0.15
1.55
±±±± 0.15
1.25
±±±± 0.10
0.80
±±±± 0.10
0.50
±±±± 0.05
A
0.60
±±±± 0.20
0.60
±±±± 0.20
0.50
±±±± 0.20
0.40
±±±± 0.20
0.25
±±±± 0.20
0.25
±±±± 0.15
0.30
±±±± 0.15
B
0.90
±±±± 0.25
0.60
±±±± 0.25
0.50
±±±± 0.20
0.40
±±±± 0.20
0.40
±±±± 0.20
0.30
±±±± 0.15
0.30
±±±± 0.15
t
0.55
±±±± 0.10
0.55
±±±± 0.10
0.55
±±±± 0.10
0.55
±±±± 0.15
0.50
±±±± 0.15
0.45
±±±± 0.15
0.35
±±±± 0.05
Protective coat
Resistive layer
End termination
Ceramic Substrate
t
B
A
T
W
L
1001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com