Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HER50X Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # HER50X
Description  HIGH EFFICENCY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

HER50X Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  HER50X Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd HER50X Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd HER50X Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HER501 THRU HER508
HIGH EFFICIENCY RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
5.0 AMPERE
FEATURES
· Plastic package has Underwriters Laboratory
DO-201AD
Flammability Classification 94V-O ctilizing
Flame Retardant Epoxy Molding Compound.
.052 (1.3)
· Void-free Plastic in a DO-201AD package.
(25.4) 1.0
.048 (1.2)
· 5.0 ampere operation at TA=50With no
MIN
thermal runaway.
· Ultra Fast switching for high efficiency.
(9.5) .375
· Exceeds environmental standards of MIL-S-19500/228
(7.2) .285
.210 (5.3)
MECHANICAL DATA
(25.4) 1.0
.190 (4.8)
Case: Molded plastic, DO-201AD
MIN
Terminals: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Band denotes cathode
Mounting position: Any
Weight: 0.04ounce, 1.1gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
HER501 HER502 HER503 HER504 HER505 HER506 HER507 HER508
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at TA=50℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 5.0A and TA=25℃
VF
Volts
Maximum Reverse Current
at TJ=25℃
at Rated DC Blocking Voltage
TJ=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Maximum Reverse Recovery Time (Note 2)
TRR
nS
Typical Thermal Resistance (Note 3)
RθJA
℃/W
Operating and Storage Temperature Range
TJ,Tstg
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
3- Thermal Resistance from Junction to Ambient at 0.375"(9.5mm) lead length P.C.B. Mounted.
70
1.3
1.0
-55 to +150
Amp
Amp
uAmp
100
50
75
20
200
150
50
Dimensions in inches and (millimeters)
1.7
IR
5.0
10.0
I(AV)
IFSM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com