Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D10DPFPG Datasheet(PDF) 15 Page - Banner Engineering Corp.

Part # D10DPFPG
Description  D10 Expert?™? Dual Discrete Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPFPG Datasheet(HTML) 15 Page - Banner Engineering Corp.

Back Button D10DPFPG Datasheet HTML 8Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 9Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 10Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 11Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 12Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 13Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 14Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 15Page - Banner Engineering Corp. D10DPFPG Datasheet HTML 16Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Dimensions
61.3 mm
(2.42")
68.1 mm
(2.68")
10.5 ± 0.2 mm (typ.)
(0.41")
Mounting Bracket
(included)
35.9 mm
(1.41")
7.6 mm
0.30"
9.8 mm
(0.39")
All measurements are listed in millimeters [inches], unless noted otherwise.
Included Bracket Dimensions
10.0 mm
(0.39")
35.1 mm
(1.38")
10.0 mm
(0.39")
15.2 mm
(0.60")
2x C'sink
ø8.0 mm (0.31")
3.2 mm (0.13") deep
ø4.4 mm (0.18") thru
2x 3.5 mm
(0.14")
5.0 mm
(0.20")
8.6 mm
(0.34")
25.4 mm
(1.00")
16.0 mm
(0.63")
2 x ø3.3 mm (0.13")
2x ø3.2 mm (0.13")
2.5 mm (0.10")
5.0 mm (0.20")
M3 Hardware included:
Lock Washer (2)
Flat Washer (2)
Screws (2)
Hex Nuts (2)
D10 Expert™– Dual Discrete Outputs
P/N 64154 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com