Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Q45VR2FQ Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # Q45VR2FQ
Description  Q45VR2 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR2FQ Datasheet(HTML) 3 Page - Banner Engineering Corp.

  Q45VR2FQ Datasheet HTML 1Page - Banner Engineering Corp. Q45VR2FQ Datasheet HTML 2Page - Banner Engineering Corp. Q45VR2FQ Datasheet HTML 3Page - Banner Engineering Corp. Q45VR2FQ Datasheet HTML 4Page - Banner Engineering Corp. Q45VR2FQ Datasheet HTML 5Page - Banner Engineering Corp. Q45VR2FQ Datasheet HTML 6Page - Banner Engineering Corp. Q45VR2FQ Datasheet HTML 7Page - Banner Engineering Corp. Q45VR2FQ Datasheet HTML 8Page - Banner Engineering Corp. Q45VR2FQ Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Diffuse-Mode Models
These diffuse-mode models detect objects by sensing the reflection of their own emitted light. Ideal for use when the
reflectivity and profile of the object to be sensed are sufficient to return a large percentage of emitted light back to
the sensor. Model Q45VR2DX is the first choice for diffuse-mode applications when there are no background objects
to falsely return light.
Performance curves are based on a 90% reflectance white test card.
Output Type: SPDT Electro-mechanical relay
DIFFUSE
Infrared, 880 nm
Short Range - 45 cm (18 inches)
Models
Cable
Excess Gain
Beam Pattern
Q45VR2D
5-wire 2 m (6.5 ft) cable
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1.0 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45D
Diffuse Mode
500 mm
20.0 in
400 mm
16.0 in
300 mm
12.0 in
200mm
8.0 in
100 mm
4.0 in
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
0
0.2 in
0.4 in
0.6 in
0.2 in
0.4 in
0.6 in
DISTANCE
Q45D
Diffuse Mode
Q45VR2DQ
5-Pin Mini-style QD
Long Range - 1.8 m (6 ft)
Models
Cable
Excess Gain
Beam Pattern
Q45VR2DL
5-wire 2 m (6.5 ft) cable
1
10
100
1000
.10 m
.33 ft
1.0 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45DL
Diffuse Mode
2.4 m
8 ft
3.0 m
10 ft
1.8 m
6 ft
1.2 m
4 ft
0.6 m
2 ft
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0 in
2.0 in
3.0 in
1.0 in
2.0 in
3.0 in
DISTANCE
Q45DL
Diffuse Mode
Q45VR2DLQ
5-Pin Mini-style QD
High Power - 3 m (10 ft) Range
Models
Cable
Excess Gain
Beam Pattern
Q45VR2DX
5-wire 2 m (6.5 ft) cable
1
10
100
0.1 m
0.33 ft
1.0 m
3.3 ft
10 m
33 ft
0.01 m
0.033 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45DX
Diffuse Mode
3.0 m
10 ft
2.4 m
8 ft
1.8 m
6 ft
1.2 m
4 ft
0.6 m
2 ft
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0 in
2.0 in
3.0 in
1.0 in
2.0 in
3.0 in
DISTANCE
Diffuse Mode
Q45DX
Q45VR2DXQ
5-Pin Mini-style QD
Q45VR2 Series Sensors
P/N 36339 Rev. H
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com