Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WLPMA0A040M2R2LC Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLPMA0A040M2R2LC
Description  SMD Molded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLPMA0A040M2R2LC Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WLPMA0A040M2R2LC Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLPMA0A040M2R2LC Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLPMA0A040M2R2LC Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLPMA0A040M2R2LC Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLPMA0A040M2R2LC Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLPMA0A040M2R2LC Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
ASC_WLPMA0A040 Series_V3.0
Nov. Y2017
Features
1. Shielded construction.
2. Ultra low buzz noise.
3. Low DCR/µH.
4. Handles high transient current spikes without saturation.
5. Encapsulated body offers improved environmental protection and moisture resistance.
6. Higher dielectric withstanding voltage.
7. Corrosion resistant package.
8. RoHS Compliance.
Applications
1. PDA/Notebook/Desktop/Server applications high current and low profile power supplier.
2. High current POL converters.
3. Battery powered devices.
Shape and Dimension
MARKING AND DATE CODE
Marking ex:1.0uH
1R0
Date code
XX XX
year and weekly ex:1033
Recommend Pattern
UNIT: mm
DIM.
TOL.
M1
11.15
±0.35
M2
10.0
±0.3
M3
4.0
Max
M4
3.0
±0.5
M5
2.0
±0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com