Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TTL02IPR2L5DTL Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02IPR2L5DTL
Description  High Power Thin Film Current Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02IPR2L5DTL Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  TTL02IPR2L5DTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR2L5DTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR2L5DTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR2L5DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR2L5DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR2L5DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR2L5DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR2L5DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR2L5DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0603 series
Type
Resistance Range(mΩ)
L(mm)
W(mm)
H(mm)
I1(mm)
TTL06IR
TTL06JR
TTL06KR
TTL06MR
2
1.60±0.25
0.80±0.25
0.40±0.25
0.45±0.20
2.5~3
1.60±0.25
0.80±0.25
0.40±0.25
0.35±0.20
4
1.60±0.25
0.80±0.25
0.40±0.25
0.30±0.20
TTL06JO
TTL06KO
TTL06MO
5~14
1.60±0.20
0.90±0.20
0.65±0.20
0.50±0.20
15~20
1.60±0.20
0.90±0.20
0.65±0.20
0.40±0.20
TTL 06
TTL 06
TTL 06
TTL 06IIIIR
RR
R(J
(J
(J
(JR
RR
R、
、
、
、KKKKR
RR
R、
、
、
、M
M
M
MR
RR
R)_
)_
)_
)_(2~4m
(2~4m
(2~4m
(2~4mΩ
Ω
Ω
Ω))))
Marking(No mark)
TTL06
TTL06
TTL06
TTL06 JO
JO
JO
JO ((((KO
KO
KO
KO、
、
、
、M
M
M
MO
O
O
O))))____(5~14
(5~14
(5~14
(5~14m
m
m
mΩ
Ω
Ω
Ω))));
;
;
;TTL06
TTL06
TTL06
TTL06 JO
JO
JO
JO ((((KO
KO
KO
KO、
、
、
、M
M
M
MO
O
O
O))))____(15~20
(15~20
(15~20
(15~20m
m
m
mΩ
Ω
Ω
Ω))))
Mark (3digits)
(010=10
m
m
m
mΩ
Ω
Ω
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com