Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TTL02HPR2L5DTL Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02HPR2L5DTL
Description  High Power Thin Film Current Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02HPR2L5DTL Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button TTL02HPR2L5DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02HPR2L5DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02HPR2L5DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02HPR2L5DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02HPR2L5DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION TTL02HPR2L5DTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION TTL02HPR2L5DTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION TTL02HPR2L5DTL Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION TTL02HPR2L5DTL Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CATALOGUE NUMBERS
TTL
06
P
O
XXXX
F
T
L
Type code
Size code
Power Rating
TCR
Resistance
Tolerance
Packaging
code
Termination
code
Low
Resistance
02:0201
04:0402
06:0603
08:0805
M:1/2 W
K:1/3 W
J: 1/4W
I:1/5W
H:1/8 W
N:50 ppm/
℃
O:75ppm/
℃
P:100 ppm/
℃
Q:150 ppm/
℃
R:200 ppm/
℃
U:350 ppm/
℃
e.q
R003=3mΩ
R010=10mΩ
R2L5=2.5mΩ
D: ±0.5%
F: ±1%
T:7” Taped
Reeled
L:Sn Base
(Lead free)
Recommend Solder Pad Dimensions
Dimensions of solder Pad :
Type
Resistance Range
A(mm)
B(mm)
C(mm)
D(mm)
TTL02
5~20mΩ
0.65
0.25
0.20
0.33
TTL04
2.5~20 mΩ
1.60
0.40
0.6
0.60
TTL06
2~4 mΩ
3.20
0.50
1.35
0.92
TTL06
5~20mΩ
3.20
0.60
1.30
0.92
TTL08
2~4 mΩ
3.60
0.50
1.55
1.44
TTL08
5~20 mΩ
3.60
0.80
1.40
1.44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com