Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CBM3085AS Datasheet(PDF) 13 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM3085AS
Description  OPERATION INSTRUCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM3085AS Datasheet(HTML) 13 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM3085AS Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3085AS Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3085AS Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3085AS Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3085AS Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3085AS Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3085AS Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3085AS Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3085AS Datasheet HTML 13Page - COREBAI Microelectronics (Beijing) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
www.corebai.com
CBM3085AS
OPERATION INSTRUCTION
PACKAGE/ORDERING INFORMATION
PRODUCT
ORDERING
NUMBER
TEMPRANGE
PACKAGE
PAKEAGE
MARKING
TRANSPOT
MEDIA,QUANTILY
CBM3085A
CBM3085AS8
-40 ~ +85℃
SOIC-8(SOP8)
CBM3085AS
Tape and Reel,2500
CBM3085ACS8
-0℃~70℃
SOIC-8(SOP8)
CBM3085AC
Tape and Reel,2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com