Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S-87X Datasheet(PDF) 32 Page - ABLIC Inc.

Part # S-87X
Description  HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-87X Datasheet(HTML) 32 Page - ABLIC Inc.

Back Button S-87X Datasheet HTML 28Page - ABLIC Inc. S-87X Datasheet HTML 29Page - ABLIC Inc. S-87X Datasheet HTML 30Page - ABLIC Inc. S-87X Datasheet HTML 31Page - ABLIC Inc. S-87X Datasheet HTML 32Page - ABLIC Inc. S-87X Datasheet HTML 33Page - ABLIC Inc. S-87X Datasheet HTML 34Page - ABLIC Inc. S-87X Datasheet HTML 35Page - ABLIC Inc. S-87X Datasheet HTML 36Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87x Series
Rev.8.0_02
32
6. Shutdown circuit (C/E/G type)
When VPF pin goes low (0.4 V or less) in the C/G type or at the time of voltage detection in the E type
current for the voltage regulator is shut down, the current consumption (excluding the current which flows
through the pull-up resistor) lowers to 3.5
A or less.
During shutdown, the M1 transistor in the voltage regulator shown in the Figure 17 is off and VOUT pin is
pulled down by R1 and R2, whose value (R1R2) is 5 M to 10 M. Input current of VPF pin is 0.1 A or
less.
Caution 1. The output voltage may not become 0 V when the load which makes IOUT under 1 A is
connected during shutdown.
2. DO NOT keep VPF pin floating state or medium potential (between low and high
levels). Otherwise through-type current flows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com