Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV19W Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BAV19W
Description  Glass Passivated Chip Junction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BAV19W Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BAV19W Datasheet HTML 1Page - First Silicon Co., Ltd BAV19W Datasheet HTML 2Page - First Silicon Co., Ltd BAV19W Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Non-reptitive Peak Forward Surge Current
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Continuous Forward Current
VRRM
VRMS
IF
IFSM
Ptot
120
200
250
V
100
150
200
V
250
-55 ~ +150
A
mW
°C
Units
T , T
j
stg
Symbols
FEATURES
▪ For surface mounted applications
▪ Glass Passivated Chip Junction
▪ Fast reverse recovery time
▪ Ideal for automated placement
▪ Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SOD-123
pprox. Weight:
•
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
16mg/ 0. 00056oz
mA
Repetitive Peak Forward Current
IFRM
625
mA
at 1s
at 1ms
at 1 us
1
3
9
Absolute Maximum Ratings at 25℃
Total Power Dissipation
500
Characteristics at Ta = 25℃
Parameter
Reverse
Voltage
Breakdown
at I =100
R
μA
V(BR)R
120
200
250
V
Units
Symbols
BAV19W
BAV20W
BAV21W
Maximum Forward Voltage
VF
V
at 100 m A
at 200 m A
1.00
1.25
Maximum DC Reverse Current
T = 25
°C
a
at Rated DC Blocking Voltage
T =150
°C
a
IR
0.1
100
μA
5
pF
Cj
Typical Junction Capacitance
at V =4V, f=1MHz
R
Maximum Reverse Recovery Time
ns
trr
50
BAV19W
BAV20W
BAV21W
Simplified outline SOD-123 and symbol
1
2
(1)Measured with IF = 0 5 A, R = 1 A, Irr = 0 25 A
(1)
SEMICONDUCTOR
TECHNICAL DATA
BAV19W ~ BAV21W
2019. 03. 04
1/3
Revision No : 0
1
2


Similar Part No. - BAV19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19W PANJIT-BAV19W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV19W TRSYS-BAV19W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV19W WTE-BAV19W Datasheet
43Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV19W DIODES-BAV19W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV19W GE-BAV19W Datasheet
187Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV19W

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
Glass passivated junction chip
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
Glass passivated chip junction
6A05G ETC2-6A05G Datasheet
99Kb / 2P
Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
Glass Passivated chip junction
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
Glass passivated chip junction
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
Glass passivated chip junction
03-Nov-11
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
Glass passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
Glass Passivated Chip Junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
Glass Passivated Chip Junction
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
Glass passivated chip junction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com