Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QM30VT2 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # QM30VT2
Description  Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QM30VT2 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  QM30VT2 Datasheet HTML 1Page - Banner Engineering Corp. QM30VT2 Datasheet HTML 2Page - Banner Engineering Corp. QM30VT2 Datasheet HTML 3Page - Banner Engineering Corp. QM30VT2 Datasheet HTML 4Page - Banner Engineering Corp. QM30VT2 Datasheet HTML 5Page - Banner Engineering Corp. QM30VT2 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5-pin M12/Euro-style Male
Connector
Pin
Wire Color
Sensor Connection
1
4
5
3
2
1
brown (bn)
Power IN (+): 10 to 30 V dc
2
white (wh)
RS485 / D1 / B / +
3
blue (bu)
Ground (-)
4
black (bk)
RS485 / D0 / A / –
5
gray (gy)
Not Used (default) or Discrete NPN Select Line (optional). When updating the firmware, you must
ground pin 5 by connecting it to pin 3.
Installing the Sensor
The vibration sensors have an X and Z axis indication on the face of the sensor. The Z axis
goes in a plane through the sensor while the X is parallel to the sensor.
•
Install the X axis in line with the shaft of the motor or axially.
•
Install the Z axis to go into or through the motor or radial.
For the best results, install the sensor as close to the motor bearing as possible. If this is
not possible, install the sensor on a surface that is in rigid connection with vibration
characteristics of the motor. Using a cover shroud or other flexible mounting location may
result in reduced accuracy or reduced ability to detect certain vibration characteristics.
X-axis Vibration
Sensitivity
Z-axis Vibration
Sensitivity
After determining the sensor direction and location, mount the sensor for the best possible vibration sensing accuracy.
Mounting Options
Applicable QM Models
Description
BWA-BK-014
QM30VT1, QM30VT2
Flat bracket with direct screw mount to motor and sensor
When available, directly mounting the bracket to the motor using an M4 × 0.7 bolt provides a rigid
surface with the highest sensor accuracy and frequency response. This mounting option offers
flexibility for future sensor and bracket movement.
BWA-BK-012
QM30VT2-SS-9M
BWA-BK-014
QM30VT1, QM30VT2
Flat bracket epoxied to motor and sensor screwed to bracket
Recommend using an epoxy designed for accelerometer mounting, such as Loctite Depend 330 and
7388 activator.
Epoxying a bracket to a motor provides a permanent installation of the bracket to which the sensor
can be attached. This more rigid mounting solution ensures some of the best sensor accuracy and
frequency response, but is not flexible for future adjustments.
BWA-BK-012
QM30VT2-SS-9M
BWA-BK-013
QM30VT1, QM30VT2,
QM30VT2-SS-9M
Flat magnet bracket
Gives a solid, strong, and adjustable mount to a motor, but with a motor's curved surface it may not
provide the best connection if the motor is too small for the magnet to get a full connection with the
motor housing.
Magnet mounts are susceptible to accidently rotation or change in sensor location if an outside force
bumps or moves the sensor. This can lead to a change in sensor information that differs from the
time-trended data from the previous location.
Thermally Conductive
Adhesive tape
QM30VT1, QM30VT2,
QM30VT2-SS-9M
Often provides a more than sufficient mounting type but does introduce some additional flex that
reduces accuracy
Holding Registers
By default, data is sampled every five seconds. Use the Sensor Configuration Tool to adjust the sensor's sample rate if a different
value is needed. Aliased register addresses are user configurable. Aliased addressed registers are sequenced to be read with one
single Modbus read. Temperature values outside of the operating range of the device are forced to the maximum or minimum
values.
Modbus Register
Alias Address
Modbus Register
Address
Description
I/O Range
Holding Register Representation
Min
Max
Min (dec)
Max (dec)
45201
42401
Z-Axis RMS Velocity (in/sec) 1, 5
0
6.5535
0
65535
Sure Cross® QM30VT2 Vibration and Temperature Sensor
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 210732 Rev. B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com