Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1815CS5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1815CS5
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815CS5 Datasheet(HTML) 1 Page - Linear Technology

  LT1815CS5 Datasheet HTML 1Page - Linear Technology LT1815CS5 Datasheet HTML 2Page - Linear Technology LT1815CS5 Datasheet HTML 3Page - Linear Technology LT1815CS5 Datasheet HTML 4Page - Linear Technology LT1815CS5 Datasheet HTML 5Page - Linear Technology LT1815CS5 Datasheet HTML 6Page - Linear Technology LT1815CS5 Datasheet HTML 7Page - Linear Technology LT1815CS5 Datasheet HTML 8Page - Linear Technology LT1815CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1815
LT1816/LT1817
181567fa
Single/Dual/Quad 220MHz,
1500V/
µs Operational Amplifiers
with Programmable Supply Current
s
220MHz Gain-Bandwidth Product
s
1500V/
µs Slew Rate
s
6.5mA Supply Current per Amplifier
s
Space Saving MSOP and SSOP Packages
s
Ultra Small SOT-23 and Leadless DFN Packages
s
Programmable Current Option
s
6nV/
√Hz Input Noise Voltage
s
Unity-Gain Stable
s
1.5mV Maximum Input Offset Voltage
s
8
µA Maximum Input Bias Current
s
800nA Maximum Input Offset Current
s
50mA Minimum Output Current, VOUT = ±3V
s
±3.5V Minimum Input CMR, VS = ±5V
s
Specified at
±5V, Single 5V Supplies
s
Operating Temperature Range: – 40
°C to 85°C
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Video and RF Amplification
s
Communication Receivers
s
Cable Drivers
s
Data Acquisition Systems
Programmable Current Amplifier Switches
from Low Power Mode to Full Speed Mode
The LT
®1815/LT1816/LT1817 are low power, high speed,
very high slew rate operational amplifiers with excellent
DC performance. The LT1815/LT1816/LT1817 feature
higher bandwidth and slew rate, much lower input offset
voltage and lower noise and distortion than other devices
with comparable supply current. A programmable current
option (LT1815 and LT1816A) allows power savings and
flexibility by operating at reduced supply current and
speed. The circuit topology is a voltage feedback amplifier
with the slewing characteristics of a current feedback
amplifier.
The output drives a 100
Ω load to ±3.8V with ±5V sup-
plies. On a single 5V supply, the output swings from 1V
to 4V with a 100
Ω load connected to 2.5V. Harmonic
distortion is –70dB for a 5MHz, 2VP-P output driving a
100
Ω load in a gain of –1.
The LT1815/LT1816/LT1817 are manufactured on Linear
Technology’s advanced low voltage complementary bipo-
lar process and are available in a variety of SOT-23, SO,
MSOP, SSOP and leadless DFN packages.
Distortion vs Frequency
–
+
LT1815
40k
100
Ω
VOUT
181567 TA01
–5V
ISET
500
Ω
HS/LP
VIN
500
Ω
5V
FREQUENCY (Hz)
–100
–70
–80
–90
–30
–40
–50
–60
181567 TA02
100k
10M
1M
3RD HARMONIC
2ND HARMONIC
LOW POWER MODE
2ND HARMONIC
3RD HARMONIC
FULL SPEED MODE
AV = 2
VS = ±5V
VO = 2VP-P
RL = 100Ω
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1815CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1815 LINER-LT1815 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1815 LINER-LT1815 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1815 LINER-LT1815 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1815 LINER-LT1815 Datasheet
380Kb / 16P
Single/Dual Operational Amplifiers
LT1815 LINER-LT1815_15 Datasheet
548Kb / 20P
Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
More results

Similar Description - LT1815CS5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP292 AD-OP292_02 Datasheet
516Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. B
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Analog Devices
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP292 AD-OP292_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP492 AD-OP492_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
Rev. C
logo
Linear Technology
LT1815 LINER-LT1815_15 Datasheet
548Kb / 20P
Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
LT1816 LINER-LT1816_15 Datasheet
548Kb / 20P
Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
LT1817 LINER-LT1817_15 Datasheet
548Kb / 20P
Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
logo
ON Semiconductor
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com