Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMK070DICFWD-APA-2 Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMK070DICFWD-APA-2
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMK070DICFWD-APA-2 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMK070DICFWD-APA-2 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMK070DICFWD-APA-2 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMK070DICFWD-APA-2 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMK070DICFWD-APA-2 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMK070DICFWD-APA-2 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMK070DICFWD-APA-2 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMK070DICFWD-APA-2 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMK070DICFWD-APA-2 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMK070DICFWD-APA-2 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TOPWAY
LCD Module User Manual
LMK070DICFWD-APA-2
NURL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMK070DICFWD-APA-2-Manual-Rev0.2.doc
Page: 4 of 11
3. Terminal Function
3.1
K1 Terminal ( DB26 Right angle connector )
Note:
*1: Dithering function enable control.
When FRC=” 1 ” , Disable internal dithering function.
When FRC=” 0 ” , Enable internal dithering function. <default>
*2: Selection of scanning mode
* 3. When JP1 Close, JP2 Open, MODE=” 1 ” , select DE mode, VS and HS must pull high. <default>
When JP2 Close, JP1 Open, MODE =” 0 ” , select SYNC mode, DE must pull low.
K1
Pin No.
Pin Name
I/O
Descriptions
1
RX3+
Input
LVDS receiver positive signal channel 3
2
RX3-
Input
LVDS receiver negative signal channel 3
3
FRC
I/O
Dithering function(*1)
4
RXCLK+
Input
LVDS receiver positive signal Clock
5
RXCLK-
Input
LVDS receiver negative signal Clock
6
GND
Power
Power Supply GND (0V)
7
RX2+
Input
LVDS receiver positive signal channel 2
8
RX2-
Input
LVDS receiver negative signal channel 2
9
GND
Power
Power Supply GND (0V)
10
RX1+
Input
LVDS receiver positive signal channel 1
11
RX1-
Input
LVDS receiver negative signal channel 1
12
GND
Power
Power Supply GND (0V)
13
RX0+
Input
LVDS receiver positive signal channel 0
14
RX0-
Input
LVDS receiver negative signal channel 0
15
L/R
I/O
Left / right selection(*2)
16
U/D
I/O
Up/ Down selection(*2)
17
VDD
Power
Logic Positive Power Supply
18
VDD
19
BL_VDD
Power
Backlight Power Supply
20
NC
-
No connection
21
BL_EN
I/O
Backlight Enable control, Active High or keep open
22
GND
Power
Power Supply GND (0V)
23
TP_XR
Passive
Touch Screen XR terminal
24
TP_YU
Passive
Touch Screen YU terminal
25
TP_XL
Passive
Touch Screen XL terminal
26
TP_YD
Passive
Touch Screen YD terminal
Setting of scan control input
Function Descriptions
Scanning direction
L/R
U/D
VDD
GND
Up to down, left to right <default>
GND
VDD
Down to up, right to left
GND
GND
Up to down, right to left
VDD
VDD
Down to up, left to right



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com