Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EB-ASG402-2000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EB-ASG402-2000
Description  DC-3000 MHz SiGe HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EB-ASG402-2000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  EB-ASG402-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
www.ASB.co.kr Mar.. 2004
ASG402
OP1 vs. Frequency
ACPR vs. Channel Power
( Offset = 750 kHz )
Output IP3 vs. Frequency
( Pout per tone = 14 dBm )
Output IP3 vs. Tone Power
1700
1800
1900
2000
2100
2200
2300
-5
0
5
10
15
20
+ 85
oC
+ 25
oC
- 40
oC
Frequency ( MHz )
1700
1800
1900
2000
2100
2200
2300
-25
-20
-15
-10
-5
0
+ 85
oC
+ 25
oC
- 40
oC
Frequency ( MHz )
1800
1850
1900
1950
2000
2050
2100
20
22
24
26
28
30
32
34
36
+ 85
oC
+ 25
oC
- 40
oC
Frequency ( MHz )
12
14
16
18
20
22
80
70
60
50
40
30
+ 85
oC
+ 25
oC
- 40
oC
Channel Output Power ( dBm )
IS-95, 9 Channels Forward
1800
1850
1900
1950
2000
2050
2100
30
35
40
45
50
55
+ 85
oC
+ 25
oC
- 40
oC
Frequency ( MHz )
12
14
16
18
20
22
30
35
40
45
50
55
Frequency = 2 GHz
+ 85
oC
+ 25
oC
- 40
oC
P
out per tone ( dBm )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com