Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMT040DNPFWD Datasheet(PDF) 17 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT040DNPFWD
Description  Preliminary Specification
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT040DNPFWD Datasheet(HTML) 17 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT040DNPFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Item
Photo detector
Field
Contrast Ratio
Luminance
Chromaticity
Lum Uniformity
SR-3A
1°
Response Time
BM-7A
2°
Model No:
LMT040DNPFWD
Note 1: Definition of optical measurement system.
The optical characteristics should be measured in dark room. After 5 Minutes operation, the optical
properties are measured at the center point of the LCD screen. All input terminals LCD panel must be
ground when measuring the center area of the panel.
Photo detector
Field
500mm
TFT-LCD Module
LCD Panel
The center of the screen
Note 2: Definition of viewing angle range and measurement system.
viewing angle is measured at the center point of the LCD by CONOSCOPE(ergo-80)。
Note 3: Definition of contrast ratio
“White state “: The state is that the LCD should drive by Vwhite.
“Black state”: The state is that the LCD should drive by Vblack.
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 17 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com