Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC2T45DTM Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AXC2T45DTM
Description  SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC2T45DTM Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AXC2T45DTM Datasheet HTML 2Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 3Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 4Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 5Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 6Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 7Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 8Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 9Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
SN74AXC2T45
SCES880 – AUGUST 2019
www.ti.com
Product Folder Links: SN74AXC2T45
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All typical data is taken at 25°C.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
Operating free-air temperature (TA)
UNIT
-40°C to 85°C
-40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level
output
voltage
VI = VIH
IOH = -100 µA
0.7 V - 3.6 V
0.7 V - 3.6 V
VCCO
– 0.1
VCCO
– 0.1
V
IOH = -50 µA
0.65 V
0.65 V
0.55
0.55
IOH = -200 µA
0.76 V
0.76 V
0.58
0.58
IOH = -500 µA
0.85 V
0.85 V
0.65
0.65
IOH = -3 mA
1.1 V
1.1 V
0.85
0.85
IOH = -6 mA
1.4 V
1.4 V
1.05
1.05
IOH = -8 mA
1.65 V
1.65 V
1.2
1.2
IOH = -9 mA
2.3 V
2.3 V
1.75
1.75
IOH = -12 mA
3 V
3 V
2.3
2.3
VOL
Low-level
output
voltage
VI = VIL
IOL = 100 µA
0.7 V - 3.6 V
0.7 V - 3.6 V
0.1
0.1
V
IOL = 50 µA
0.65 V
0.65 V
0.1
0.1
IOL = 200 µA
0.76 V
0.76 V
0.18
0.18
IOL = 500 µA
0.85 V
0.85 V
0.2
0.2
IOL = 3 mA
1.1 V
1.1 V
0.25
0.25
IOL = 6 mA
1.4 V
1.4 V
0.35
0.35
IOL = 8 mA
1.65 V
1.65 V
0.45
0.45
IOL = 9 mA
2.3 V
2.3 V
0.55
0.55
IOL = 12 mA
3 V
3 V
0.7
0.7
II
Input leakage
current
Control input (DIR):VI =
VCCA or GND
0.65 V- 3.6 V
0.65 V- 3.6 V
–0.5
0.5
–1
1
µA
Data Inputs (Ax, Bx),VI =
VCCI or GND
0.65 V- 3.6 V
0.65 V- 3.6 V
–4
4
–8
8
µA
Ioff
Partial power
down current
A Port: VI or VO = 0 V -
3.6 V
0 V
0 V - 3.6 V
–4
4
–8
8
µA
B Port: VI or VO = 0 V -
3.6 V
0 V - 3.6 V
0 V
–4
4
–8
8
ICCA
VCCA supply
current
VI =
VCCI or
GND
IO = 0
0.65 V- 3.6 V
0.65 V- 3.6 V
7
12.5
µA
0 V
3.6 V
–2
–12
3.6 V
0 V
4
8
ICCB
VCCB supply
current
VI =
VCCI or
GND
IO = 0
0.65 V- 3.6 V
0.65 V- 3.6 V
7
12.5
µA
0 V
3.6 V
4
8
3.6 V
0 V
–2
–12
ICCA +
ICCB
Combined
supply
current
VI =
VCCI or
GND
IO = 0
0.65 V- 3.6 V
0.65 V- 3.6 V
11
20
µA
Ci
Control Input
(DIR)
Capacitance
VI = 3.3 V or GND
3.3 V
3.3 V
3.3
3.3
pF
Cio
Data I/O
Capacitance
VO = 1.65V DC +1 MHz
-16 dBm sine wave
3.3 V
3.3 V
5.4
5.4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com