Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72311N2T6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST72311N2T6
Description  8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311N2T6 Datasheet(HTML) 4 Page - STMicroelectronics

  ST72311N2T6 Datasheet HTML 1Page - STMicroelectronics ST72311N2T6 Datasheet HTML 2Page - STMicroelectronics ST72311N2T6 Datasheet HTML 3Page - STMicroelectronics ST72311N2T6 Datasheet HTML 4Page - STMicroelectronics ST72311N2T6 Datasheet HTML 5Page - STMicroelectronics ST72311N2T6 Datasheet HTML 6Page - STMicroelectronics ST72311N2T6 Datasheet HTML 7Page - STMicroelectronics ST72311N2T6 Datasheet HTML 8Page - STMicroelectronics ST72311N2T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
4/94
ST72311
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST72311 HCMOS Microcontroller Unit (MCU)
is a member of the ST7 family. The device is
based on an industry-standard 8-bit core and fea-
tures an enhanced instruction set. The device is
normally operated at a 16 MHz oscillator frequen-
cy. Under software control, the ST72311 may be
placed in either Wait, Slow or Halt modes, thus re-
ducing power consumption. The enhanced in-
struction set and addressing modes afford real
programming potential. In addition to standard
8-bit data management, the ST72311 features
true bit manipulation, 8x8 unsigned multiplication
and indirect addressing modes on the whole mem-
ory. The device includes a low consumption and
fast start on-chip oscillator, CPU, program memo-
ry
(ROM/OTP/EPROM
versions),
RAM,
44
(ST72311N) or 32 (ST72311J) I/O lines, a Low
Voltage Detector (LVD) and the following on-chip
peripherals: Analog-to-Digital converter (ADC)
with 8 (ST72311N) or 6 (ST72311J) multiplexed
analog inputs, industry standard synchronous SPI
and asynchronous SCI serial interfaces, digital
Watchdog, two independent 16-bit Timers, one
featuring an External Clock Input, and both featur-
ing Pulse Generator capabilities, 2 Input Captures
and 2 Output Compares (only 1 Input Capture and
1 Output Compare on Timer A).
Figure 1. ST72311 Block Diagram
8-BIT CORE
ALU
OSCIN
OSCOUT
RESET
PORT B
TIMER B
PORT C
SPI
PORT E
SCI
PORT D
8-BIT ADC
WATCHDOG
PB0 -> PB7
PC0 -> PC7
PE0 -> PE7
PD0 -> PD7
OSC
Internal
CLOCK
CONTROL
RAM
(384 - 512 Bytes)
PORT F
PF0 -> PF2,4,6,7
TIMER A
PORT A
PA0 -> PA7
VSSA
VDDA
(6 bits for ST72311N)
(6 bits)
AND LVD
(2 bits for ST72311J)
(8 bits for ST72311N)
(6 bits for ST72311J)
(8 bits for ST72311N)
(5 bits for ST72311J)
(8 bits)
(8 bits for ST72311N)
(5 bits for ST72311J)
VSS
VDD
POWER
SUPPLY
PROGRAM
(8 - 16K Bytes)
MEMORY
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com