Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF02-MIC02F1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF02-MIC02F1
Description  2 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC02F1 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF02-MIC02F1 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC02F1 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC02F1 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC02F1 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC02F1 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC02F1 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC02F1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF02-MIC02F2
3/7
Figure 5: Digital crosstalk measurement
Figure 6: ESD response to IEC61000-4-2
(+15kV air discharge) on one input V(in) and on
one output (Vout)
Figure 7: ESD response to IEC61000-4-2
(+15kV air discharge) on one input V(in) and on
one output (Vout)
Figure 8: Line capacitance versus applied
voltage
0
2
4
6
8
10
12
14
16
18
20
012
3456
789
10
11
12
V (V)
R
F=1MHz
V
osc=30mVRMS
T
j=25°C
C(pF)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com