Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF02-MIC03F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF02-MIC03F3
Description  2 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC03F3 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF02-MIC03F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC03F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC03F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC03F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC03F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC03F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC03F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EMIF02-MIC02F2
2/7
Table 2: Absolute Ratings (limiting values)
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter and test conditions
Value
Unit
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
- 40 to + 85
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
RI/O
Series resistance between Input &
Output
Cline
Input capacitance per line
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
14
16
V
IRM
VRM = 12V per line
500
nA
RI/O
423
470
517
Cline
@ 0V
16
pF
Figure 3: S21 (dB) attenuation measurement
and Aplac simulation
Figure 4: Analog crosstalk measurements
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 50.00
- 45.00
- 40.00
- 35.00
- 30.00
- 25.00
- 20.00
- 15.00
- 10.00
dB
f/Hz
dB
Measurement
Simulation
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
dB
f/Hz
-
-
-
-
-
-
I2/O1
I
V
IPP
VCL
VBR
VRM
IR
IRM
IRM
IR
IPP
VRM
VBR
VCL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com