Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5GN-R1PAC100-240 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5GN-R1PAC100-240
Description  Digital Temperature Controllers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R1PAC100-240 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5GN-R1PAC100-240 Datasheet HTML 1Page - Omron Electronics LLC E5GN-R1PAC100-240 Datasheet HTML 2Page - Omron Electronics LLC E5GN-R1PAC100-240 Datasheet HTML 3Page - Omron Electronics LLC E5GN-R1PAC100-240 Datasheet HTML 4Page - Omron Electronics LLC E5GN-R1PAC100-240 Datasheet HTML 5Page - Omron Electronics LLC E5GN-R1PAC100-240 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
E5GN
E5GN
69
Specifications
J RATINGS
Supply voltage
100 to 240 VAC, 50/60 Hz
24 VAC, 50/60 Hz/24 VDC
Operating voltage range
85% to 110% of rated supply voltage
Power consumption
7 VA
4 VA/2.5 W
Sensor input
Thermocouple: K, J, T, E, L, U, N, R, S, B
Platinum resistance thermometer: Pt100, JPt100
Non-contact temperature sensor: 10 to 70
_C, 60 to 120_C, 115 to 165_C, 160 to 260_C
Voltage input: 0 to 50 mV
Control output
Relay output
SPST-NO, 250 VAC, 2 A (resistive load), electrical life: 100,000 operations
Voltage output
12 VDC +15%/–20% (PNP), max. load current: 21 mA, with short-circuit protection circuit
Alarm output
SPST-NO, 250 VAC, 1 A (resistive load), electrical life: 100,000 operations
Control method
PID or ON/OFF control
Setting method
Digital setting using front panel keys
Indication method
7-segment digital display and single-lighting indicator
Character height: PV: 7.0 mm; SV: 3.5 mm
Ambient operating temperature
–10
_C to 55_C (14°F to 131°F) with no condensation or icing
Storage temperature
–25
_C to 65_C (–13°F to 149°F) with no condensation or icing
Ambient humidity
25% to 85% RH
J CHARACTERISTICS
Indication accuracy
Thermocouple:
±0.5% of indicated value or ±1_C, whichever greater, ±1 digit max. (See Note)
Platinum resistance thermometer:
±0.5% of indicated value or ±1_C, whichever greater, ±1 digit max.
Analog input:
±0.5% FS±1 digit max.
CT input:
±5% FS±1 digit max.
Hysteresis
0.1 to 999.9 EU (in units of 0.1 EU)
Proportional band (P)
0.1 to 999.9 EU (in units of 0.1 EU)
Integral time (I)
0 to 3999 s (in units of 1 s)
Derivative time (D)
0 to 3999 s (in units of 1 s)
Control period
1 to 99 s (in units of 1 s)
Manual reset value
0.0% to 100.0% (in units of 0.1%)
Alarm setting range
-1999 to 9999 (decimal point position depends on input type)
Sampling period
500 ms
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
2000 VAC, 50 or 60 Hz for 1 min between different charging terminals
Vibration resistance
10 to 55 Hz, 10 m/s2 for 2 hours each in X, Y and Z directions
Shock resistance
300 m/s2, 3 times each in 3 axes, 6 directions (relay: 100 m/s2)
Weight
Approx. 90 g; mounting bracket: Approx. 10 g
Protective structure
Front panel: NEMA4X for indoor use (equivalent to IP66), rear case: IP20, terminals: IP00
Memory protection
EEPROM non-volatile memory (number of writes: 100,000)
Note:
The indication of K thermocouples in the -200 to 1300
°C range, and T and N thermocouples at a temperature of -100°C or less, and U
and L thermocouples at any temperature is
±2°C±1 digit maximum. The indication of B thermocouples at a temperature of 400°C or
less is unrestricted.
The indication of R and S thermocouples at a temperature of 200
°C or less is ±3°C±1 digit maximum.
(This table continues on the next page.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com