Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W320FSU70ZA6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # M28W320FSU70ZA6F
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FSU70ZA6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M28W320FSU70ZA6F Datasheet HTML 4Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 5Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 6Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 7Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 8Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 9Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 10Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 11Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
M28W320FSU, M28W640FSU
8/49
Figure 5. M28W320FSU and M28W640FSU Block Addresses
Note: 1. Also see APPENDIX A., Tables 21 and 20 for a full listing of the Block Addresses.
Figure 6. Protection Register Memory Map
AI10661
64 KWords
3FFFFFh
3F0000h
64 KWords
01FFFFh
010000h
64 KWords
00FFFFh
000000h
M28W320FSU
Block Addresses
3E0000h
Total of 64
1 Mbit Uniform Blocks
M28W640FSU
Block Addresses
64 KWords
3EFFFFh
64 KWords
1FFFFFh
1F0000h
64 KWords
01FFFFh
010000h
64 KWords
00FFFFh
000000h
1E0000h
Total of 32
1 Mbit Uniform Blocks
64 KWords
1EFFFFh
AI05520b
User Programmable OTP
Unique device number
Protection Register Lock
1
0
8Ch
85h
84h
81h
80h
PROTECTION REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com