Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL50CZGRALS Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # TL50CZGRALS
Description  TL50CZ Compact Universal AC Voltage Tower Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50CZGRALS Datasheet(HTML) 4 Page - Banner Engineering Corp.

  TL50CZGRALS Datasheet HTML 1Page - Banner Engineering Corp. TL50CZGRALS Datasheet HTML 2Page - Banner Engineering Corp. TL50CZGRALS Datasheet HTML 3Page - Banner Engineering Corp. TL50CZGRALS Datasheet HTML 4Page - Banner Engineering Corp. TL50CZGRALS Datasheet HTML 5Page - Banner Engineering Corp. TL50CZGRALS Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dimensions
M30 x 1.5
45
[1.77]
5x 12
[0.47]
1/2-14 NPSM
19
[0.75]
H
Ø50
[1.97]
# of
Colors
Tower Height (H)
Non-Audible
Standard Audible*
Sealed Audible
Omni-Directional
Sealed Audible
1
115.2 mm (4.5 in)
146.1 mm 5.8 in)
169.2 mm (6.7 in)
183.2 mm (7.2 in)
2
141.0 mm (5.6 in)
171.9 mm (6.8 in)
195.0 mm (7.7 in)
209.0 mm (8.2 in)
3
166.8 mm (6.6 in)
197.7 mm (7.8 in)
220.8 mm (8.7 in)
234.8 mm (9.2 in)
4
192.6 mm (7.6 in)
223.5 mm (8.8 in)
246.6 mm (9.7 in)
260.6 mm (10.3 in)
5
218.4 mm (8.6 in)
-
-
-
* Tower height (H) with top unscrewed approximately 3.5 mm to allow sound to escape
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
Cordsets
4-Pin Micro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQAC2-406
1.83 m (6 ft)
Straight
42 Typ.
ø 14.5
1/2-20 UNF-28
4
1
2
3
1 = Brown
2 = Blue
3 = Black
4 = White
MQAC2-415
4.57 m (15 ft)
MQAC2-430
9.14 m (30 ft)
5-Pin Micro-Style Cordsets
Model
Length
Style
Dimensions
Pinout
MQAC2-506
1.83 m (6 ft)
Straight
42 Typ.
ø 14.5
1/2-20 UNF-28
3
2
5
1
4
1 = Brown
2 = Blue
3 = White
4 = Black
5 = Gray
MQAC2-515
4.57 m (15 ft)
MQAC2-530
9.14 m (30 ft)
TL50CZ Compact Universal AC Voltage Tower Light
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 179187 Rev. H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com