Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FSU-ZA Datasheet(PDF) 11 Page - STMicroelectronics

Part # M28W640FSU-ZA
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FSU-ZA Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M28W640FSU-ZA Datasheet HTML 7Page - STMicroelectronics M28W640FSU-ZA Datasheet HTML 8Page - STMicroelectronics M28W640FSU-ZA Datasheet HTML 9Page - STMicroelectronics M28W640FSU-ZA Datasheet HTML 10Page - STMicroelectronics M28W640FSU-ZA Datasheet HTML 11Page - STMicroelectronics M28W640FSU-ZA Datasheet HTML 12Page - STMicroelectronics M28W640FSU-ZA Datasheet HTML 13Page - STMicroelectronics M28W640FSU-ZA Datasheet HTML 14Page - STMicroelectronics M28W640FSU-ZA Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
11/49
M28W320FSU, M28W640FSU
HARDWARE PROTECTION
All devices feature hardware protection. Refer to
SIGNAL DESCRIPTIONS section for a detailed
description of these signals.
VPP ≤ VPPLK. The VPP pin protects all the memo-
ry blocks from program and erase operations. Re-
fer to SIGNAL DESCRIPTIONS section for a
detailed description of these signals.
SECURITY FEATURES
The
M28W320FSU
and
M28W640FSU
are
equipped with KRYPTO Security features per-
forming software protection. They allow any block
to be protected from program/erase or read oper-
ations:
■
Modify Protection including Volatile Block
Lock/Unlock, Non-Volatile Block Modify
Protection, Non-Volatile Password Modify
Protection and Irreversible Protection.
■
Read Protection.
The KRYPTO features (Modify Protection mode,
Read Protection mode and Device Authentication
mechanism) are not described in this Datasheet.
For further details concerning these additional pro-
tection modes please contact ST Sales Offices.
The devices also feature a 64 bit Unique Device
Identifier and a 128 bit user-programmable OTP
segment (see Figure 6., Protection Register Mem-
ory Map and Protection Register Program Com-
mand).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com