Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL50ZBGYRALS3 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # TL50ZBGYRALS3
Description  TL50Z Universal AC Voltage Tower Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50ZBGYRALS3 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  TL50ZBGYRALS3 Datasheet HTML 1Page - Banner Engineering Corp. TL50ZBGYRALS3 Datasheet HTML 2Page - Banner Engineering Corp. TL50ZBGYRALS3 Datasheet HTML 3Page - Banner Engineering Corp. TL50ZBGYRALS3 Datasheet HTML 4Page - Banner Engineering Corp. TL50ZBGYRALS3 Datasheet HTML 5Page - Banner Engineering Corp. TL50ZBGYRALS3 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Omni-Directional Sealed Audible Model 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
TL50ZRAOS
TL50ZRAOS3
TL50ZRAOS4
1
Red
4-wire PVC cable
100 V ac to
240 V ac
TL50ZGRAOS
TL50ZGRAOS3
TL50ZGRAOS4
2
Green, Red
TL50ZGYRAOS
TL50ZGYRAOS3
TL50ZGYRAOS4
3
Green, Yellow, Red
5-wire PVC cable
TL50ZBGYRAOS
TL50ZBGYRAOS3
TL50ZBGYRAOS4
4
Blue, Green, Yellow, Red
6-wire PVC cable
Omni-Directional Sealed Audible Model with Intensity Adjustment1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
TL50ZRAOSI
TL50ZRAOS3I
TL50ZRAOS4I
1
Red
4-wire PVC cable
100 V ac to
240 V ac
TL50ZGRAOSI
TL50ZGRAOS3I
TL50ZGRAOS4I
2
Green, Red
TL50ZGYRAOSI
TL50ZGYRAOS3I
TL50ZGYRAOS4I
3
Green, Yellow, Red
5-wire PVC cable
TL50ZBGYRAOSI
TL50ZBGYRAOS3I
TL50ZBGYRAOS4I
4
Blue, Green, Yellow, Red
6-wire PVC cable
Wiring Diagrams
Models with 1 to 3 Segments
4-Wire
3
Indicator
Color
C2/A
C3/A
C1
4
1
2
100-240V ac
Neutral
Hot
Models with 4 Segments
5-Wire
4
Indicator
Color
C2
C3
C1
C4/A
3
1
5
2
100-240V ac
Neutral
Hot
Models with 5 Segments
6-Wire
4
Indicator
Color
C2
C3
C1
C4
3
1
5
C5/A
6
2
100-240V ac
Neutral
Hot
4-Wire Key:
1 = Brown
2 = Blue
3 = Black
4 = White
C1 = Color 1
C2 = Color 2
C3 = Color 3
A = Audible
5-Wire Key:
1 = Brown
2 = Blue
3 = White
4 = Black
5 = Gray
C1 = Color 1
C2 = Color 2
C3 = Color 3
C4 = Color 4
A = Audible
6-Wire Key:
1 = Brown
2 = Blue
3 = White
4 = Black
5 = Gray
6 = Red
C1 = Color 1
C2 = Color 2
C3 = Color 3
C4 = Color 4
C5 = Color 5
A = Audible
Specifications
Supply Voltage and Current
100 V ac to 240 V ac at 50 Hz or 60 Hz
Indicators—maximum current per LED color:
•
35 mA at 100 V ac
•
30 mA at 120 V ac
•
20 mA at 240 V ac
Standard Audible Alarm: 30 mA maximum current
Sealed Audible Alarm: 35 mA maximum current
Omni-Directional Sealed Audible Alarm: 45 mA maximum current
Supply Protection Circuitry
Protected against transient voltages
Connections
4-wire, 5-wire, or 6-wire 2 m (6.5 ft) integral cable, 4-pin or 5-pin 150 mm (6
in) PVC cable with a M12/Euro-style quick disconnect, depending on modell
Models with a quick disconnect require a mating cordset
Construction
Bases and Covers: ABS
Light Segment: Polycarbonate
Vibration and Mechanical Shock
Meets IEC 60068-2-6 requirements (Vibration: 10 Hz to 55 Hz, 1.0 mm
amplitude, 5 minutes sweep, 30 minutes dwell)
Meets IEC 60068-2-27 requirements (Shock: 30G 11 ms duration, half sine
wave)
TL50Z Universal AC Voltage Tower Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 169421 Rev. J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com