Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABCDM-CL-100MHZ Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABCDM-CL-100MHZ
Description  Low Jitter - Octal Clock Distribution Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABCDM-CL-100MHZ Datasheet(HTML) 3 Page - Abracon Corporation

  ABCDM-CL-100MHZ Datasheet HTML 1Page - Abracon Corporation ABCDM-CL-100MHZ Datasheet HTML 2Page - Abracon Corporation ABCDM-CL-100MHZ Datasheet HTML 3Page - Abracon Corporation ABCDM-CL-100MHZ Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ABCDM-XX-YYYMHz
Pb RoHS
Compliant
30332
a
i
n
r
o
fi
l
a
C
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
n
a
r
e
p
s
E
92688
tel 949-546-8000
| fax 949-546-8001
b
a
.
w
w
w
|
r
m
o
c
.
n
o
c
a
Revised: 07.01.11
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
TYPICAL OUTPUT WAVEFORM
LVPECL Output @ 100MHz Carrier
PACKAGE OUTLINE & DIMENSIONS:
Low Jitter - Octal Clock Distribution Module



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com