Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REM6E Datasheet(PDF) 1 Page - Recom International Power

Part # REM6E
Description  DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM6E Datasheet(HTML) 1 Page - Recom International Power

  REM6E Datasheet HTML 1Page - Recom International Power REM6E Datasheet HTML 2Page - Recom International Power REM6E Datasheet HTML 3Page - Recom International Power REM6E Datasheet HTML 4Page - Recom International Power REM6E Datasheet HTML 5Page - Recom International Power REM6E Datasheet HTML 6Page - Recom International Power REM6E Datasheet HTML 7Page - Recom International Power REM6E Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DC/DC Converter
www.recom-power.com
REV.: 2/2019
MED-1
REM6E
Features
Regulated
Converter
2MOPP, 250VAC working voltage isolation
Clearance and creepage distance >8mm
Up to 10kVDC reinforced insulation
IEC/EN/UL 60601 certified with CB Report
(3rd Ed. Safety, 4th Ed. EMC)
-40°C to +75°C operation, no derating
2:1 wide input range
Description
The REM6E series of medical grade regulated DC/DC converters feature reinforced 250VAC
continuous working isolation with >8mm creepage/clearance. The compact DIP24/SMD package offers
industry standard pinouts with tightly regulated single/dual outputs and UVLO, SCP and OCP.
The operating ambient temperature range is from -40°C to +75°C without derating. The converters
are UL marked and certified to CB, IEC, EN and ANSI/AAMI 60601 3rd. Ed. Safety and 4th Ed. EMC
medical standards. The low 1μA leakage current complies with medical applied part B, BF and CF limits
as defined by IEC60601-1.
6 Watt
2:1 Input
DIP24 or SMD
Single & Dual
Output
2MOPP
250VAC
E314885
Selection Guide
Part
nom. Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage
Voltage
Current
typ.(1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
REM6E-xx09S/R(3)/A (4,5)
12 / 24 / 48
9
667
81 / 82 / 83
2200
REM6E-xx12S/R(3)/A (4,5)
12 / 24 / 48
12
500
82 / 83 / 84
2200
REM6E-xx15S/R(3)/A (4,5)
12 / 24 / 48
15
400
83 / 84 / 84
2200
REM6E-xx24S/R(3)/A (4,5)
12 / 24 / 48
24
250
83 / 84 / 85
1000
REM6E-xx09D/R(3)/A (4,5)
12 / 24 / 48
±9
±335
81 / 82 / 83
±2200
REM6E-xx12D/R(3)/A (4,5)
12 / 24 / 48
±12
±250
82 / 83 / 84
±2200
REM6E-xx15D/R(3)/A (4,5)
12 / 24 / 48
±15
±200
83 / 84 / 84
±2200
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resisitive load
Model Numbering
Output Power
nom. Input Voltage
Output Voltage
Single or Dual
Output Power
nom. Input Voltage
Output Voltage
Single or Dual
UVLO Option (5)
CTRL Option (4)
Pinning
Isolation (3)
UVLO Option (5)
Case Style
Pinning
Isolation (3)
REM6E-
/R /A /
/
REM6E-
/R6/A /SMD/
Notes:
Note3: add suffix „/R8“ for 8kVDC or „/R10“ for 10kVDC isolation (DIP24 only)
if SMD package is used, always add suffix „/R6“ for 6kVDC isolation
Note4: add suffix „/CTRL“ for fitted CTRL pin (DIP24 only)
if SMD package is used do not add suffix „/CTRL“, CTRL pin is always mounted
Note5: add suffix „/X1“ for Under Voltage Lockout Option
CAN/CSA-C22.2 No. 60601-1:14 certified
ANSI/AAMI ES60601-1 certified
EN60601-1 certified
IEC60601-1 certified
IEC60601-1-2 compliant
EN55032 compliant


Similar Part No. - REM6E

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM6 RECOM-REM6 Datasheet
1Mb / 5P
Reinforced Insulation for 250VAC Working Voltage
REM6-0505S RECOM-REM6-0505S Datasheet
471Kb / 6P
6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM6-0512D RECOM-REM6-0512D Datasheet
471Kb / 6P
6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM6-0512S RECOM-REM6-0512S Datasheet
471Kb / 6P
6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM6-0515D RECOM-REM6-0515D Datasheet
471Kb / 6P
6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
More results

Similar Description - REM6E

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com