Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEDRA80X80QPMA Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDRA80X80QPMA
Description  A80X80QPMA Series Area Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRA80X80QPMA Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDRA80X80QPMA Datasheet HTML 1Page - Banner Engineering Corp. LEDRA80X80QPMA Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Banner Engineering Corp., 9714 Tenth Ave. No., Minneapolis, MN 55441 • Phone: 763.544.3164 • www.bannerengineering.com • sensors@bannerengineering.com
LED..A80X80QPMA Series Area Lights
P/N 119700
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects
for one year. Banner Engineering Corp. will repair or replace, free of charge, any product
of its manufacture found to be defective at the time it is returned to the factory during
the warranty period. This warranty does not cover damage or liability for the improper
application of Banner products. This warranty is in lieu of any other warranty either
expressed or implied.
®
Accessory Mounting Brackets
SMBABM
• 13-ga. zinc-plated low-carbon steel
• (4) M4 Phillips flathead screws included
• For mounting light from front
SMBACM
• 14-ga. zinc-plated low-carbon steel
• (4) M4 socket-head cap screws, washers and
hex key included
• For mounting light from rear
86.4 mm
(3.40")
60.9 mm
(2.40")
40.6 mm
(1.60")
2.2 mm
(0.09")
2x 12.7 mm
(0.50")
10.2 mm
(0.40")
30.5 mm
(1.20")
8.8 mm
(0.35")
5.1 mm
(0.20")
4.7 mm
(0.18")
2x Ø4.6 mm
(0.18")
C'sink ø8.3 mm
(0.33")
110.2 mm
(4.34")
10.2 mm
(0.40")
2x 22.9 mm
(0.90")
55.1 mm
(2.17")
94.0 mm
(3.70")
15.8 mm
(0.62")
61.0 mm
(2.40")
92.5 mm
(3.64")
8.1 mm
(0.32")
46.2 mm
(1.82")
2x 14.9 mm
(0.59")
2x M6 x 1
1/4-20
110.4 mm
(4.35")
92.6 mm
(3.65")
46.2 mm
(1.81")
13.8 mm
(0.54")
94.0 mm
(3.70")
61.0 mm
(2.40")
15.8 mm
(0.62")
8.2 mm
(0.32")
4x M4 x 0.7
(7.1 mm Deep)
Figure 1. Area light dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com