Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS29F010-70CSFME Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS29F010-70CSFME
Description  131072 BY 8-BIT FLASH MEMORY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F010-70CSFME Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS29F010-70CSFME Datasheet HTML 8Page - Texas Instruments TMS29F010-70CSFME Datasheet HTML 9Page - Texas Instruments TMS29F010-70CSFME Datasheet HTML 10Page - Texas Instruments TMS29F010-70CSFME Datasheet HTML 11Page - Texas Instruments TMS29F010-70CSFME Datasheet HTML 12Page - Texas Instruments TMS29F010-70CSFME Datasheet HTML 13Page - Texas Instruments TMS29F010-70CSFME Datasheet HTML 14Page - Texas Instruments TMS29F010-70CSFME Datasheet HTML 15Page - Texas Instruments TMS29F010-70CSFME Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
TMS29F010
131072 BY 8-BIT
FLASH MEMORY
SMJS840A – NOVEMBER 1997 – REVISED JUNE 1998
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating ambient temperature range (unless otherwise noted)†
Voltage range with respect to ground:
Supply voltage range, VCC (see Note 3)
–2.0 V to + 7.0 V
. . . . . . . . . . . . . . . . . . . . . .
All pins except A9, E, G (see Note 3)
–2.0 V to + 7.0 V
. . . . . . . . . . . . . . . . . . . . . . . .
A9, E, G (see Note 4)
–2.0 V to + 14.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient temperature range during read / erase / program, TA
Commercial (L)
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Extended (E)
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Automotive (Q)
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
3. Minimum dc voltage on input or I/O pins is –0.5 V. During voltage transitions, input or I/O pins may undershoot VSS to –2.0 V for
periods of up to 20 ns. Maximum dc voltage on input and I/O pins is VCC + 0.5 V. During voltage transitions, input and I/O pins may
overshoot to VCC + 2.0 V for periods up to 20 ns.
4. Minimum dc input voltage on A9, E, and G pins is –0.5 V. During voltage transitions, A9, E, and G may undershoot VSS to –2.0 V
for periods of up to 20 ns. Maximum dc input voltage on A9, E, and G pins is +12.5 V, which may overshoot to +14.0 V for periods
up to 20 ns.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
Commercial (L)
0
70
TA
Ambient temperature during read / erase / program
Extended (E)
–40
85
°C
Automotive (Q)
–40
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com