Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEDIB225X150PW2-XQ Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # LEDIB225X150PW2-XQ
Description  LED Series Sealed Backlights
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDIB225X150PW2-XQ Datasheet(HTML) 4 Page - Banner Engineering Corp.

  LEDIB225X150PW2-XQ Datasheet HTML 1Page - Banner Engineering Corp. LEDIB225X150PW2-XQ Datasheet HTML 2Page - Banner Engineering Corp. LEDIB225X150PW2-XQ Datasheet HTML 3Page - Banner Engineering Corp. LEDIB225X150PW2-XQ Datasheet HTML 4Page - Banner Engineering Corp. LEDIB225X150PW2-XQ Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
300 mm × 150 mm models
M5 - 0.8 X 4
Wiring
Wire Purpose
Cable Wire
Color1
Continuous On
Mode
Strobed Mode
PresencePlus Pro
Controller Terminal
Block
Power Wires
Brown (1)
+24 V dc
+24 V dc
Pin 012
Blue (3)
common
common
Pin 02
Strobe Polarity
Control
Gray (5)
open
Active Low: open
Open — Active Low
Active High: connect to common (Blue wire)
Pin 02 — Active
High
Strobe Voltage
Wires
White (2)
open
0 V dc = ON (Active Low)
+5 V dc to 24 V dc = OFF (Active
Low)
Pin 04
0 V dc = OFF (Active High)
+5 V dc to 24 V dc = ON (Active
High)
Black (4)
open
Strobe common
Pin 02
(1) +24V dc
(3) Common
(5)Active High/Active Low
(4) Strobe Common
(2) Strobe (+/0)
Figure 1. Pinouts for Mating Cable
1 For Banner-supplied wire.
2 When connecting the light to a PresencePLUS Pro controller terminal block, the controller supply must be 24 V dc ± 10%.
LED Series Sealed Backlights
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 149837 Rev. F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com