Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEDII150-3W Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDII150-3W
Description  LED..I150-3.. Low-Angle LED Ring Lights (150 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDII150-3W Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDII150-3W Datasheet HTML 1Page - Banner Engineering Corp. LEDII150-3W Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LED..I150-3.. 3-Tier Low-Angle Ring Light (150 mm)
Banner Engineering Corp., 9714 Tenth Ave. No., Minneapolis, MN USA 55441 • Phone: 763.544.3164 • www.bannerengineering.com • Email: sensors@bannerengineering.com
P/N 127582
rev. A
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for one year. Banner Engineering Corp. will repair or replace,
free of charge, any product of its manufacture found to be defective at the time it is returned to the factory during the warranty period. This warranty
does not cover damage or liability for the improper application of Banner products. This warranty is in lieu of any other warranty either expressed or
implied.
LED..I150-3W
Wire
PresencePLUS Pro
Controller Terminal Block
External Power Supply
(Strobed)
External Power Supply
(Continuous)
Brown
Pin 1, +V (24V dc ±10%)
+V
+V
Blue
Pin 2, -V (dc common)
-V
-V
Black
Pin 4 (strobe)
+5V dc OFF
-V ON
-V
Wiring Table
Dimensions
¼ - 20 threaded hole (x8)
Allow max. screw length 0.875" inside housing
192.5 mm (7.58")
127.0 mm (5.0")
127.0 mm
(5.0")
127.0 mm
(5.0")
32.7 mm
(1.28")
32.7 mm
(1.28")
32.7 mm
(1.28")
192.5 mm
(7.58")
Ø 127.0 mm
(Ø 5.0" )
96.2 mm
(3.79")
96.2 mm (3.79")
25.8 mm (1.02")
13.1 mm (0.52")



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com