Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABM0127SC-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM0127SC-T
Description  27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM0127SC-T Datasheet(HTML) 1 Page - Abracon Corporation

  ABM0127SC-T Datasheet HTML 1Page - Abracon Corporation ABM0127SC-T Datasheet HTML 2Page - Abracon Corporation ABM0127SC-T Datasheet HTML 3Page - Abracon Corporation ABM0127SC-T Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
ABM0127
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 1
FEATURES
• 27MHz reference output (from 27MHz crystal
input or clock input).
• Selectable Audio Clocks supporting:
Fs of 32kHz, 44.1kHz, 48kHz, 64kHz and 96kHz
8.192MHz, 11.2896MHz, 12.288MHz, and
24.576MHz audio frequencies
• On-the-fly switching of the audio frequency.
• 3.3V Operating Voltage.
• Available in 8-Pin SOIC.
DESCRIPTION
The ABM0127 is a low cost integrated XO IC
designed to work with a fundamental 27MHz crystal
or a clock input. In addition to a 27MHz clock
reference, it provides the most common audio clocks
(8.192, 11.2896, 12.288, and 24.576MHz) required by
sampling rates of 32kHz, 44.1kHz, 48kHz, 64kHz and
96kHz, making the chip ideal for STB and MPEG
Video applications.
PACKAGE PIN CONFIGURATION
Note: ^: Internal pull-up resistor. The internal pull-up resistor
results in a default high value when no pull-down resistor is
connected to this pin.
AUDIO CLOCK SELECTION
S1
S0
ACLK (MHz)
0
0
8.192
0
1
11.2896
1
0
12.288
1
1
24.576
BLOCK DIAGRAM
Xout
27MHz
Xin
[S1-S0]
Audio
PLL
XO
ACLK
1
2
3
45
6
7
8
XOUT
VDD
GND
27MHz
XIN/FIN
S1^
ACLK
S0^


Similar Part No. - ABM0127SC-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM0122 ABRACON-ABM0122 Datasheet
61Kb / 4P
27MHz Multiple output XO with Audio Clock
ABM0122XC ABRACON-ABM0122XC Datasheet
61Kb / 4P
27MHz Multiple output XO with Audio Clock
ABM0122XC-T ABRACON-ABM0122XC-T Datasheet
61Kb / 4P
27MHz Multiple output XO with Audio Clock
ABM0122XCL ABRACON-ABM0122XCL Datasheet
61Kb / 4P
27MHz Multiple output XO with Audio Clock
ABM0122XCL-T ABRACON-ABM0122XCL-T Datasheet
61Kb / 4P
27MHz Multiple output XO with Audio Clock
More results

Similar Description - ABM0127SC-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTTI5516 STMICROELECTRONICS-DTTI5516 Datasheet
87Kb / 2P
Single module demodulator and decoder IC for digital video set-top boxes
Mar-2004
logo
fujitsu semiconductor
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
MPEG-2 Decoder for Set-Top-Boxes
logo
STMicroelectronics
QAMI5516 STMICROELECTRONICS-QAMI5516 Datasheet
54Kb / 2P
Single module demodulator and decoder IC for digital video set-top boxes
March 2004
logo
PhaseLink Corporation
PLL601-22 PLL-PLL601-22 Datasheet
183Kb / 4P
27MHz Multiple output XO with Audio Clock
PLL601-27 PLL-PLL601-27 Datasheet
181Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
logo
Abracon Corporation
ABMX0122 ABRACON-ABMX0122 Datasheet
60Kb / 4P
27MHz Multiple output XO with Audio Clock
03/21/05
ABMX0127 ABRACON-ABMX0127 Datasheet
59Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
03/21/05
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
TPS65230 TI1-TPS65230_15 Datasheet
1Mb / 30P
POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
Abracon Corporation
ABM0122 ABRACON-ABM0122 Datasheet
61Kb / 4P
27MHz Multiple output XO with Audio Clock
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com