Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.768KHZ-AIGZ Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-AIGZ
Description  Real Time Clock Module with I2C Bus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-AIGZ Datasheet(HTML) 3 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Real Time Clock Module with I2C Bus
3.2 x 1.5 x 0.8 mm
Pb RoHS/RoHS II compliant
AB-RTCMC-32.768kHz-AIGZ-S7
Static Characteristics
Valid for Tamb= -40°C to +85°C; VDD= 1.3 V to 4.4 V (except where noted)
Parameters
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VDD 1)
Clock
1.0
4.4
V
I2C Bus (400kHz)
1.3
4.4
V
Supply Current
SCL=400kHz
No Load
IDD1
VDD = 4.4V
100
µA
VDD = 3.6V
50
70
µA
VDD = 3.0V
35
µA
VDD = 2.5V
30
µA
VDD = 2.0V
20
µA
Supply Current (standby)
SCL = 0Hz; CLKOUT off
All inputs
≥VDD-0.2V
≤VSS+0.2V
IDD2
VDD = 4.4V
950
nA
VDD = 3.6V
375
700
nA
VDD = 3.0V at 25°C
350
500
nA
VDD = 2.0V at 25°C
310
450
nA
VDD = 1.0V at 25°C
270
400
nA
LOW Level Input Voltage
VIL
-0.2
0.3*VDD
V
HIGH Level Input Voltage
VIH
0.7*VDD
VDD+0.3
V
HIGH Level Output
Voltage
VOH
VDD=4.4V, IOH = -
1.0mA (push-pull)
2.4
V
LOW Level Output
Voltage
VOL
VDD=4.4V, IOL =
3.0mA (SDA)
0.4
V
VCC=4.4V, IOL =
1.0mA (SQW, INT )
0.4
Pull-up Supply voltage
(open drain)
INT
4.4
V
Input Leakage Current
ILI
0V ≤ VIN ≤ VDD
-1
+1
µA
Output Leakage Current
ILO
0V ≤ VOUT ≤ VDD
-1
+1
µA
1. Oscillator startup guaranteed down to 1.5 V only.
LLC
ISO9001-2015
CERTIFIED
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018
ABRACON IS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com