Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.768KHZ-IBO5 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-IBO5
Description  Ultra-low Power Real Time Clock Module with I2C Bus
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-IBO5 Datasheet(HTML) 1 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 7Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 8Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AB-RTCMC-32.768kHz-IBO5-S3
Ultra-low Power Real Time Clock Module with I2C Bus
3.7 x 2.5 x 0.9 mm
Moisture Sensitivity Level: MSL=1
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
Pb RoHS/RoHS II compliant
• Smart cards
• Wireless sensors and tags
• Medical/Healthcare electronics
• Sports and fitness electronics
• Smart Utility meters
• Data loggers
• Appliances
• Tracking systems
• Home security systems
• Industrial and Consumer electronics
• Communications equipment
Absolute Maximum Ratings
Parameters
Min.
Typ.
Max.
Units
Notes
Power Supply Voltage (VDD)
-0.3
3.8
V
Backup Supply voltage (VBACKUP)
-0.3
3.8
V
Input Voltage
(VI)
VDD Power state
-0.3
VDD + 0.3
V
VBACKUP Power State
-0.3
VBACUUP + 0.3
V
Output Voltage
(VO)
VDD Power state
-0.3
VDD + 0.3
V
VBACKUP Power State
-0.3
VBACUUP + 0.3
V
Input Current (II
A
m
0
1
0
1
-
)
Output Current (IO)
-20
20
mA
PSW Output Continuous Current (IOPC)
50
mA
PSW Output Pulsed Current (IOPP)
150
mA
1 second pulse
ESD Voltage
(VESD)
CDM
±500
V
Charged Device Model
HBM
±4000
V
Human Body Model
Latch-up Current (ILU)
100
mA
Operating Temperature Range (TOP)
-40
+85
ºC
Storage Temperature (TSTG)
-55
+125
ºC
Stored as bare product
Lead Temperature (TSLD)
+300
ºC
Hand soldering for 10s
Reflow Soldering Temperature (TREF)
+260
ºC
Reflow profile per
JEDEC J-STD-020D
• Ultra-Low current consumption:
XTAL Mode 60nA typ. @3.0V
RC Mode 17nA typ. @3.0V
RC Autocalibrated Mode 22nA typ. @3.0V
• RTC module with built-in crystal oscillating at 32.768 kHz
• Operating voltage: 1.5 – 3.6V
• Operating temperature range: -40 to +85°C
• Factory calibrated Time accuracy ±2.0ppm typ. @ 25°C
• Automatic Battery Switchover
• Trickle Charger, Power Management & Power Switch Function
• Programmable CLKOUT frequencies
• I2C Bus Interface (fast mode 400kHz)
• Time keeping mode down to 1.5 V
• Programmable Alarm, Timer and INT
• Up to 512 Bytes of general purpose RAM
• Small and compact package size: 3.7 x 2.5 x 0.9 mm. RoHS-compliant and 100% lead free
ESD Sensitive
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 01.08.2019
LLC


Similar Part No. - AB-RTCMC-32.768KHZ-IBO5

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB-RTCMC-32.768KHZ-AIGZ ABRACON-AB-RTCMC-32.768KHZ-AIGZ Datasheet
8Mb / 7P
Real Time Clock Module with I2C Bus
11.28.2018
AB-RTCMC-32.768KHZ-B5GA ABRACON-AB-RTCMC-32.768KHZ-B5GA Datasheet
1Mb / 6P
Real Time Clock Module with I2C Bus
11.28.2018
AB-RTCMC-32.768KHZ-B5ZE ABRACON-AB-RTCMC-32.768KHZ-B5ZE Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
11.28.2018
AB-RTCMC-32.768KHZ-EOA9 ABRACON-AB-RTCMC-32.768KHZ-EOA9 Datasheet
2Mb / 9P
DTCXO Temperature Compensated Real-Time-Clock Module with SPI bus
11.28.2018
AB-RTCMC-32.768KHZ-EOZ9 ABRACON-AB-RTCMC-32.768KHZ-EOZ9 Datasheet
2Mb / 10P
DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
11.28.2018
More results

Similar Description - AB-RTCMC-32.768KHZ-IBO5

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C3 MICROCRYSTAL-RV-3029-C3 Datasheet
502Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3 Datasheet
217Kb / 2P
Real Time Clock Module with I2C Bus
RV-2251-C3 MICROCRYSTAL-RV-2251-C3 Datasheet
364Kb / 2P
Real Time Clock Module with I2C Bus
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2_16 Datasheet
443Kb / 2P
Real Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_16 Datasheet
371Kb / 2P
Real Time Clock Module with I2C Bus
RV-8564-C3 MICROCRYSTAL-RV-8564-C3_17 Datasheet
978Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_18 Datasheet
996Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3_18 Datasheet
980Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-8803-C7 MICROCRYSTAL-RV-8803-C7_18 Datasheet
992Kb / 2P
Real-Time Clock Module with I2C-Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com