Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.768KHZ-ZIZE Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-ZIZE
Description  Real Time Clock Module with SPI Bus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-ZIZE Datasheet(HTML) 3 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AB-RTCMC-32.768kHz-ZIZE-S2
Real Time Clock Module with SPI Bus
5.0 x 3.2 x 1.2 mm
Pb RoHS/RoHS II compliant
Input Capacitance (CI) 3)
F
p
7
(Continued)
Parameters
Min.
Typ.
Max.
Units
Notes
Output
Output
Voltage (VO)
Pins: CLKOUT; INT 4)
-0.5
5.5
V
Pin: SDO
-0.5
VDD +0.5
HIGH Level Output Voltage (VOH)
Pin: SDO
80%* VDD
VDD
V
LOW Level
Output
Voltage (VOL)
Pins: CLKOUT; INT
VDD = 5V/ IOL = 1.5mA
VSS
0.4
V
Pin: SDO
VSS
20%* VDD
HIGH Level Output Current (IOH)
Pin: SDO; VOH = 4.6V/ VDD = 5V
1.5
mA
LOW Level Output Current (IOL)
Pin: SDO, INT, CLKOUT;
VOL = 0.4V/ VDD = 5V
-1.5
mA
Output Leakage Current (ILO)
VO = VDD or VSS
-1
0
+1
µA
1) For reliable oscillator start-up at power-up: VDD = VDD(min) + 0.3V.
2) Timer source clock = 1/60 Hz, level of pins CE, SDI and SCL either VDD or VSS.
3) Implicit by design.
4) Refers to external pull-up voltage
Dynamic Characteristics SPI-Bus
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com