Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDS99E Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS99E
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS99E Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS99E Datasheet HTML 1Page - First Silicon Co., Ltd FDS99E Datasheet HTML 2Page - First Silicon Co., Ltd FDS99E Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FDS99E
2012. 09. 17
1/3
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
FDS99E SWITCHING DIODE
FEATURES
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
FDS99E Marking: JE
SOT-523
Maximum Ratings @T=25℃
t
i
n
U
t
i
m
i
L
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Reverse voltage
VR
V
5
8
I
t
n
e
r
r
u
c
d
r
a
w
r
o
F
O
A
m
5
7
Forward power dissipation
PD
W
m
0
5
1
T
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
j
150
℃
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 1
μA
85
V
IR1
VR=75V
2
μA
Reverse voltage leakage current
IR2
VR
3
0
.
0
V
5
2
=
μA
Forward voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
715
855
1000
1250
mV
Diode capacitance
CD
VR
F
p
5
.
1
z
H
M
1
=
f
0
=
Reverse recovery time
t r r
IF=IR=10mA
Irr=0.1×IR,RL=100
Ω
4
ns


Similar Part No. - FDS99E

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
FDS9926 ZPSEMI-FDS9926 Datasheet
382Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDS9926A FAIRCHILD-FDS9926A Datasheet
206Kb / 8P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A Datasheet
117Kb / 5P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS9926A-NL VBSEMI-FDS9926A-NL Datasheet
986Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDS99E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com