Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPZP1A5 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LPZP1A5
Description  SSA-EB Series Emergency Stop Buttons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LPZP1A5 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LPZP1A5 Datasheet HTML 1Page - Banner Engineering Corp. LPZP1A5 Datasheet HTML 2Page - Banner Engineering Corp. LPZP1A5 Datasheet HTML 3Page - Banner Engineering Corp. LPZP1A5 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Replacement Parts
8-LM2T-B6644
•
22.5 mm metal button (mounting adapter
sold separately)
•
Twist to release, mechanical latching ISO
13850 (EN 418) compliant
•
Diameter 40 mm (without mounting
adapter).
8-LM2T-C01
•
Normally closed (N.C.) positively driven
contact element
•
Direct (positive) opening operation per
IEC/EN 60947-5-1
8-LM2T-AU120
Metal mounting adapter for metal button
8-LM2T-C10
Normally open (N.O.) auxiliary contact element
LPZP1A5
•
Compact size - 70mm x 70mm x 56mm
(2.7” x 2.7” x 2.2”)
•
One 22mm hole (with key way) for
installation of emergency stop palm/push
button
•
Maximum of three contact blocks
•
Polycarbonate construction
•
Wire entry via three sides (M16, M20 or
M25) or the bottom (M16)
•
Environmental rating: IP66, IP67 and
IP69K (with proper installation and rated
button)
•
Mounting hole location (x4) - 45mm x
58mm
8-LM2T-AU115
•
60 mm diameter
•
Non-adhesive plastic legend with
“Emergency Stop” inscription
Specifications
Emergency Stop Push Button
Mechanical Life
300,000 operations
Operating Force
0.8 kg
Environmental rating
IEC IP65; NEMA 4/13
Operating Temperature
–25 °C to +60 °C (–13 °F to +140 °F)
Mounting Adapter
The adapter is fixed to the mounting surface using incorporated screws
(Tmax = 0.8 Nm)
Construction
Plastic parts: Polyamide and polycarbonate
Metal parts: Aluminum and zinc alloy
Certifications
Compliant with EN/IEC 60497-1; -5-1
SSA-EB Series Emergency Stop Buttons
P/N 111880 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com