Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2088ECW-Z Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088ECW-Z
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088ECW-Z Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2088ECW-Z Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TOPWAY
LCD Module User Manual
LM2088ECW-Z
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088ECW-Z-Manual-Rev0.1.doc
Page: 4 of 11
1.4 Terminal Functions
Pin No.
Pin
Name
I/O
Descriptions
K1&K4
K5
K3
1
1
15
VSS
Power
0V Power Supply, GND
2
2
14
VDD
Power
Positive Power Supply
3
3
17
V0
Input
LCD Contrast Reference Input
4
5
3
/WR
Input
Write enable input, active LOW
5
6
2
/RD
Input
Read enable input, active LOW
6
15
4
/CS
Input
Chip Select Signal
/CS=LOW: Data IO is enabled
7
4
5
A0
Input
Data Type Select
A0=H: command write, display data or cursor add read
A0=L: status flag read, display data or parameter write
8
16
1
/RES
Input
Reset Signal:
/RES = L, Reset the LCD Module
/RES = H, Normal Running
9
7
6
DB0
I/O
8-bit bi-directional data bus
:
:
:
:
16
14
13
DB7
17
-
-
/WAIT
Output
Wait signal (*1)
18
17
16
VOUT
Power
Power Booster Output for V0
19
19
23
BLA
Power
Positive Power Supply for LED backlight
20
20
24
BLK
Power
Negative Power Supply for LED backlight
-
18
-
SEL1
Input
80 mode or 68 mode selection(*2)
-
21
18
NC
-
NC
-
22
19
NC
-
NC
-
-
20
NC
-
NC
-
-
21
NC
-
NC
-
-
22
NC
-
NC
note:
*1.
If there is no read write activity, /WAIT will be in HZ state.
*2.
SEL1 fixed to low (80 mode) by internal Jumper JP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com