Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSA1101CI2T Datasheet(PDF) 5 Page - Microchip Technology

Part # DSA1101CI2T
Description  Low-Jitter Precision CMOS Oscillator for Automotive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1101CI2T Datasheet(HTML) 5 Page - Microchip Technology

  DSA1101CI2T Datasheet HTML 1Page - Microchip Technology DSA1101CI2T Datasheet HTML 2Page - Microchip Technology DSA1101CI2T Datasheet HTML 3Page - Microchip Technology DSA1101CI2T Datasheet HTML 4Page - Microchip Technology DSA1101CI2T Datasheet HTML 5Page - Microchip Technology DSA1101CI2T Datasheet HTML 6Page - Microchip Technology DSA1101CI2T Datasheet HTML 7Page - Microchip Technology DSA1101CI2T Datasheet HTML 8Page - Microchip Technology DSA1101CI2T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2018 Microchip Technology Inc.
DS20005890B-page 5
DSA1101/21/05/25
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
DSA1101/21/05/25 PIN FUNCTION TABLE
Pin Number
5x3.2
Pin Number
3.2x2.5
Pin Number
2x2.5
Pin Name
Description
1
1
1
EN
Enable.
2
2
2
NC
Do not connect.
3
3
3
GND
Ground.
4
4
4
OUT
Output.
5
5
5
NC
Do not connect.
6
6
6
VDD
Supply voltage.
TABLE 2-2:
EN Pin
DSA1101/05
DSA1121/25
High
Output Active
Output Active
NC
Output Active
Output Active
Low
Standby
Output Disabled
OUTPUT ENABLE MODES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com