Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6069DFW-1 Datasheet(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6069DFW-1
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6069DFW-1 Datasheet(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6069DFW-1 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TOPWAY
LCD Module User Manual
LM6069DFW-1
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6069DFW-1-Manual-Rev0.2
Page: 5 of 12
3. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Supply Voltage
V
-0.3
DD
+3.6
V
VSS = 0V
Input Voltage
V
-0.2
IN
VDD
V
+0.2
VSS = 0V
Operating Temperature
T
-20
OP
+70
°C
No Condensation
Storage Temperature
T
-30
ST
+80
°C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional
operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure
to extreme conditions may affect device reliability.
4. Electrical Characteristics
4.1
DC Characteristics
VSS=0V, VDD=3.3V, TOP=25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Condition /
Application Pin
Operating Voltage
V
3.0
DD
-
3.6
V
VDD
Input High Voltage
V
0.85xV
IH
-
DD
V
V
DD
/RESET, /CS1, A0,
/WR, /RD,
DB0~DB7
Input Low Voltage
V
V
IL
-
SS
0.15xV
V
DD
Operating Current
I
-
DD
0.3
2.3
mA
VDD
4.2
LED Backlight Circuit Characteristics
VBLK=0V, IfBLA=68mA, TOP=25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Forward Voltage
Vf
-
BLA
3.3
-
V
BLA
Forward Current
If
-
BLA
68
80
mA
BLA
VSS
BLA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com