Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6069DFW-1Z Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6069DFW-1Z
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6069DFW-1Z Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6069DFW-1Z Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1Z Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1Z Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1Z Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1Z Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1Z Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1Z Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1Z Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW-1Z Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TOPWAY
LCD Module User Manual
LM6069DFW-1Z
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6069DFW-1Z-Manual-Rev0.1
Page: 4 of 12
2. Terminal Functions
PIN
NO.
PIN
Name
I/O
Descriptions
Serial mode
(Default)
8-bit parallel
6800 mode
8-bit parallel
8080 mode
1
VSS
Supply
Negative power supply,0V
2
VDD
Supply
Positive power supply
3
/CS1
Input
Chip Select
/CS1=L, enable access to the LCD module
/CS1=H, disable access to the LCD module
4
/RESET
Input
Reset signal
/RESET = L, Initialization is executed
/RESET = H, Normal running.
5
A0
Input
Register Select
A0 = H, Transferring the Display Data
A0 = L, Transferring the Control Data
6
NC(R/W,/WR)
Input
Not used,
Leave open or pull Hi
R/W=H,E=H;
Data or Status read
from the LCD module
R/W=L,E=HL;
Data or Status latch
into the LCD module
/WR=LH,
/RD=H;
Data or Instruction
latch into the LCD
module
7
NC(E,/RD)
Input
/WR=H, /RD=L;
Data or Status read
form the LCD
module
8
NC(DB0)
I/O
DB5-DB0 connect to
VDD
8-bit Data bus;
Three state I/O terminal for display data or
instruction data
when /CS1=H,
DB0~DB7=High Impedance
:
:
I/O
13
NC(DB5)
I/O
14
SCLK( DB6):
I/O
Serial clock input
15
SI(DB7)
I/O
Serial data input
16
BLA
Power
Backlight Positive Supply
Interface setting:
Setting
SPI mode(Default)
6800 mode
8080 mode
JP1
-
CLOSE
OPEN
JP2
OPEN
OPEN
CLOSE
JP3
OPEN
CLOSE
CLOSE
JP4
CLOSE
OPEN
OPEN
JP7~JP14
CLOSE
OPEN
OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com