Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECOS2GA331DA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECOS2GA331DA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2GA331DA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECOS2GA331DA Datasheet HTML 1Page - Panasonic Semiconductor ECOS2GA331DA Datasheet HTML 2Page - Panasonic Semiconductor ECOS2GA331DA Datasheet HTML 3Page - Panasonic Semiconductor ECOS2GA331DA Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
17
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors
TS-HA Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
820
20 x 30
1.20
1.38
0.222
0.145
ECOS1KA821AA
560
20 x 30
1.10
1.65
0.296
0.178
ECOS2AA561AA
1000
20 x 35
1.30
1.50
0.182
0.119
ECOS1KA102AA
820
20 x 35
1.40
2.10
0.202
0.121
ECOS2AA821AA
1200
20 x 40
1.50
1.73
0.166
0.116
ECOS1KA122AA
1000
20 x 40
1.70
2.55
0.182
0.109
ECOS2AA102AA
470
22 x 20
0.80
0.92
0.459
0.298
ECOS1KA471BL
330
22 x 20
0.80
1.20
0.653
0.392
ECOS2AA331BL
470
22 x 25
0.80
0.92
0.388
0.272
ECOS1KA471BA
330
22 x 25
0.80
1.20
0.553
0.332
ECOS2AA331BA
680
22 x 25
1.00
1.15
0.268
0.188
ECOS1KA681BA
470
22 x 25
0.92
1.38
0.388
0.233
ECOS2AA471BA
820
22 x 25
1.20
1.38
0.222
0.145
ECOS1KA821BA
560
22 x 25
1.10
1.65
0.296
0.178
ECOS2AA561BA
1000
22 x 30
1.30
1.50
0.182
0.119
ECOS1KA102BA
820
22 x 30
1.40
2.10
0.202
0.121
ECOS2AA821BA
1200
22 x 30
1.50
1.73
0.166
0.116
ECOS1KA122BA
1000
22 x 35
1.70
2.55
0.182
0.109
ECOS2AA102BA
1500
22 x 35
1.70
1.96
0.133
0.093
ECOS1KA152BA
1200
22 x 40
1.80
2.70
0.152
0.091
ECOS2AA122BA
1800
22 x 40
1.80
2.07
0.111
0.077
ECOS1KA182BA
1500
22 x 45
2.10
3.15
0.122
0.073
ECOS2AA152BA
2200
22 x 45
2.10
2.42
0.090
0.063
ECOS1KA222BA
470
25 x 20
1.00
1.50
0.459
0.275
ECOS2AA471CL
680
25 x 20
1.00
1.15
0.317
0.206
ECOS1KA681CL
820
25 x 25
1.40
2.10
0.202
0.121
ECOS2AA821CA
1000
25 x 25
1.30
1.50
0.182
0.119
ECOS1KA102CA
1000
25 x 30
1.70
2.55
0.182
0.109
ECOS2AA102CA
1200
25 x 25
1.50
1.73
0.166
0.116
ECOS1KA122CA
1200
25 x 35
1.80
2.70
0.152
0.091
ECOS2AA122CA
1500
25 x 30
1.70
1.96
0.133
0.093
ECOS1KA152CA
1500
25 x 40
2.10
3.15
0.122
0.079
ECOS2AA152CA
1800
25 x 35
1.80
2.07
0.111
0.077
ECOS1KA182CA
1800
25 x 45
2.30
3.45
0.111
0.072
ECOS2AA182CA
2200
25 x 35
2.10
2.42
0.090
0.063
ECOS1KA222CA
2200
25 x 50
2.60
3.90
0.090
0.059
ECOS2AA222CA
2700
25 x 45
2.40
2.76
0.074
0.055
ECOS1KA272CA
680
30 x 20
1.10
1.65
0.317
0.190
ECOS2AA681DL
3300
25 x 50
2.60
2.99
0.065
0.049
ECOS1KA332CA
1200
30 x 25
1.80
2.70
0.152
0.091
ECOS2AA122DA
1000
30 x 20
1.20
1.38
0.216
0.140
ECOS1KA102DL
1500
30 x 30
2.10
3.15
0.122
0.079
ECOS2AA152DA
1800
30 x 25
1.80
2.07
0.111
0.077
ECOS1KA182DA
1800
30 x 35
2.30
3.45
0.111
0.072
ECOS2AA182DA
2200
30 x 30
2.10
2.42
0.090
0.063
ECOS1KA222DA
2200
30 x 40
2.60
3.90
0.090
0.059
ECOS2AA222DA
2700
30 x 35
2.40
2.76
0.074
0.055
ECOS1KA272DA
2700
30 x 45
2.90
4.35
0.080
0.052
ECOS2AA272DA
3300
30 x 40
2.60
2.99
0.065
0.049
ECOS1KA332DA
3300
30 x 50
3.20
4.80
0.075
0.053
ECOS2AA332DA
3900
30 x 45
3.00
3.45
0.060
0.045
ECOS1KA392DA
1000
35 x 20
1.20
1.80
0.216
0.129
ECOS2AA102EL
4700
30 x 50
3.30
3.80
0.049
0.037
ECOS1KA472DA
1500
35 x 25
2.10
3.15
0.122
0.079
ECOS2AA152EA
1500
35 x 20
1.40
1.61
0.155
0.108
ECOS1KA152EL
1800
35 x 30
2.30
3.45
0.111
0.072
ECOS2AA182EA
2200
35 x 25
2.10
2.42
0.090
0.063
ECOS1KA222EA
2200
35 x 30
2.60
3.90
0.090
0.059
ECOS2AA222EA
2700
35 x 30
2.40
2.76
0.074
0.055
ECOS1KA272EA
2700
35 x 35
2.90
4.35
0.080
0.052
ECOS2AA272EA
3300
35 x 30
2.60
2.99
0.065
0.049
ECOS1KA332EA
3300
35 x 40
3.20
4.80
0.075
0.053
ECOS2AA332EA
3900
35 x 35
3.00
3.45
0.060
0.045
ECOS1KA392EA
3900
35 x 45
3.60
5.40
0.064
0.045
ECOS2AA392EA
4700
35 x 40
3.30
3.80
0.049
0.037
ECOS1KA472EA
4700
35 x 50
3.80
5.70
0.053
0.040
ECOS2AA472EA
5600
35 x 45
3.70
4.26
0.050
0.038
ECOS1KA562EA
4700
40 x 40
3.80
5.70
0.053
0.040
ECOS2AA472FA
6800
35 x 50
3.90
4.49
0.041
0.031
ECOS1KA682EA
6800
40 x 50
4.57
6.86
0.037
0.027
ECOS2AA682FA
6800
40 x 40
3.90
4.49
0.041
0.031
ECOS1KA682FA
8200
40 x 50
4.29
4.93
0.036
0.027
ECOS1KA822FA
220
20 x 25
1.00
1.40
0.829
0.373
ECOS2CA221AA
220
20 x 30
1.00
1.40
0.754
0.339
ECOS2DA221AA
270
20 x 30
1.10
1.54
0.675
0.304
ECOS2CA271AA
270
20 x 35
1.10
1.54
0.614
0.276
ECOS2DA271AA
330
20 x 35
1.20
1.68
0.653
0.294
ECOS2CA331AA
330
20 x 40
1.20
1.68
0.502
0.226
ECOS2DA331AA
390
20 x 40
1.30
1.82
0.468
0.210
ECOS2CA391AA
100
22 x 20
0.50
0.70
1.989
0.895
ECOS2DA101BL
150
22 x 20
0.55
0.77
1.437
0.647
ECOS2CA151BL
100
22 x 25
0.50
0.70
1.658
0.746
ECOS2DA101BA
150
22 x 25
0.61
0.85
1.216
0.547
ECOS2CA151BA
150
22 x 25
0.68
0.95
1.105
0.497
ECOS2DA151BA
220
22 x 25
0.90
1.26
0.829
0.373
ECOS2CA221BA
220
22 x 25
1.00
1.40
0.754
0.339
ECOS2DA221BA
270
22 x 25
1.10
1.54
0.675
0.304
ECOS2CA271BA
270
22 x 30
1.10
1.54
0.614
0.276
ECOS2DA271BA
330
22 x 30
1.20
1.68
0.553
0.249
ECOS2CA331BA
330
22 x 30
1.20
1.68
0.502
0.226
ECOS2DA331BA
390
22 x 30
1.30
1.82
0.553
0.249
ECOS2CA391BA
390
22 x 35
1.30
1.82
0.425
0.191
ECOS2DA391BA
470
22 x 35
1.40
1.96
0.529
0.238
ECOS2CA471BA
470
22 x 40
1.40
1.96
0.353
0.159
ECOS2DA471BA
560
22 x 40
1.50
2.10
0.385
0.173
ECOS2CA561BA
560
22 x 45
1.50
2.10
0.296
0.133
ECOS2DA561BA
680
22 x 45
1.70
2.38
0.317
0.143
ECOS2CA681BA
150
25 x 20
0.65
0.91
1.326
0.597
ECOS2DA151CL
220
25 x 20
0.75
1.05
0.980
0.441
ECOS2CA221CL
270
25 x 25
1.10
1.54
0.614
0.276
ECOS2DA271CA
390
25 x 25
1.30
1.82
0.553
0.249
ECOS2CA391CA
330
25 x 25
1.20
1.68
0.502
0.226
ECOS2DA331CA
470
25 x 30
1.40
1.96
0.459
0.206
ECOS2CA471CA
390
25 x 30
1.30
1.82
0.425
0.191
ECOS2DA391CA
560
25 x 30
1.50
2.10
0.385
0.173
ECOS2CA561CA
470
25 x 35
1.40
1.96
0.353
0.159
ECOS2DA471CA
680
25 x 35
1.70
2.38
0.317
0.143
ECOS2CA681CA
560
25 x 35
1.50
2.10
0.296
0.133
ECOS2DA561CA
820
25 x 40
2.00
2.80
0.263
0.118
ECOS2CA821CA
680
25 x 40
1.70
2.38
0.244
0.110
ECOS2DA681CA
1000
25 x 45
2.20
3.08
0.216
0.108
ECOS2CA102CA
820
25 x 50
2.00
2.80
0.222
0.111
ECOS2DA821CA
1200
25 x 50
2.30
3.22
0.180
0.090
ECOS2CA122CA
220
30 x 20
0.87
1.22
0.904
0.407
ECOS2DA221DL
330
30 x 20
1.00
1.40
0.553
0.249
ECOS2CA331DL
390
30 x 25
1.30
1.82
0.425
0.191
ECOS2DA391DA
560
30 x 25
1.50
2.10
0.385
0.173
ECOS2CA561DA
470
30 x 25
1.40
1.96
0.353
0.159
ECOS2DA471DA
680
30 x 30
1.70
2.38
0.317
0.143
ECOS2CA681DA
560
30 x 30
1.50
2.10
0.296
0.133
ECOS2DA561DA
820
30 x 30
2.00
2.80
0.263
0.118
ECOS2CA821DA
680
30 x 30
1.70
2.38
0.244
0.110
ECOS2DA681DA
1000
30 x 35
2.20
3.08
0.216
0.108
ECOS2CA102DA
820
30 x 35
2.00
2.80
0.222
0.111
ECOS2DA821DA
1200
30 x 40
2.30
3.22
0.180
0.090
ECOS2CA122DA
1000
30 x 45
2.20
3.08
0.199
0.099
ECOS2DA102DA
1500
30 x 45
2.50
3.50
0.166
0.083
ECOS2CA152DA
1200
30 x 50
2.30
3.22
0.166
0.083
ECOS2DA122DA
1800
30 x 50
2.70
3.78
0.138
0.083
ECOS2CA182DA
330
35 x 20
1.10
1.54
0.603
0.271
ECOS2DA331EL
470
35 x 20
1.15
1.61
0.459
0.206
ECOS2CA471EL
820
35 x 30
2.00
2.80
0.222
0.111
ECOS2DA821EA
1500
35 x 35
2.50
3.50
0.166
0.083
ECOS2CA152EA
1000
35 x 35
2.20
3.08
0.199
0.099
ECOS2DA102EA
1800
35 x 40
2.70
3.78
0.138
0.069
ECOS2CA182EA
1200
35 x 40
2.30
3.22
0.166
0.083
ECOS2DA122EA
2200
35 x 50
2.90
4.06
0.113
0.057
ECOS2CA222EA
1500
35 x 50
2.50
3.50
0.144
0.072
ECOS2DA152EA
Size (mm)
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
Size (mm)
D x L
D x L
Max 105°C R.C. (Arms)
80 VDC Working, 100 VDC Surge
100 VDC Working, 125 VDC Surge
160 VDC Working, 200 VDC Surge
200 VDC Working, 250 VDC Surge
20°C ESR (
Ω, max.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com