Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HF3FA/003-ZSTF Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF3FA/003-ZSTF
Description  SUBMINIATURE HIGH POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF3FA/003-ZSTF Datasheet(HTML) 2 Page - Hongfa Technology

  HF3FA/003-ZSTF Datasheet HTML 1Page - Hongfa Technology HF3FA/003-ZSTF Datasheet HTML 2Page - Hongfa Technology HF3FA/003-ZSTF Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
7 Gilg B
7 Gilg D
R_g[le@ 70 Jh ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcih@ ionfch_ ^cg_hmcih Y7gg2 nif_l[h]_ mbiof^ \_ v648ggA ionfch_ ^cg_hmcih [7gg
[h^ Y;gg2 nif_l[h]_ mbiof^ \_ v649ggA ionfch_ ^cg_hmcih [;gg2 nif_l[h]_ mbiof^ \_ v64:gg4
80 Tb_ nif_l[h]_ qcnbion ch^c][ncha `il PDC f[sion cm [fq[sm v647gg4
70 80
/Cinnig pc_q0
/Cinnig pc_q0
7<?
9 749
74;
: 749
74;
-KGH QKHOBFE 92 ;2 <2 ?2 782 7;27>2 8:2 :>VED
IG9GB3T5 78
3I
S
79./9361 360795+;376
;RLE
-KJNOMPCOGKJ
:@ Pf[mnc] m_[f_^
6GH@ Gfor jlii`_^
-KJOBCO BMMBJFEIEJO
2@ 7 Gilg B
A@ 7 Gilg D
7<;436/ .35/6:376:{ >39361 .3+19+5 +6. 8- ,7+9. 4+@7<;
Oonfch_ Ecg_hmcihm
Wclcha Ec[al[g
PDC L[sion
G
3JNPHBOGKJ NRNOEI
0@ Df[mm G
T
-KJOBCO IBOEMGBH
;@ BaShO8
Uhcn@ gg
/XXX0
80 Dihn[]n cm l_]igg_h^_^ `il mocn[\f_ ]ih^cncih [h^ mj_]c`c][ncihm c` q[n_l ]f_[hcha il mol`[]_ jli]_mm cm chpifp_^ ch [mm_g\fcha l_f[sm ih
PDC4
W_ moaa_mn ni ]biim_ jf[mnc] m_[f_^ nsj_m [h^ p[fc^[n_ cn ch l_[f [jjfc][ncih `il [h oh]f_[h _hpclihg_hn /qcnb ]ihn[gch[ncihm
fce_ I8S2 SO82NO82 ^omn2 _n]04
6KOEN* 70 W_ l_]igg_h^ `for jlii`_^ nsj_m `il [ ]f_[h _hpclihg_hn /`l__ `lig ]ihn[gch[ncihm fce_ I8S2 SO82NO82 ^omn2 _n]404
:LECGBH CKDE90
???* Domnig_l mj_]c[f l_kocl_g_hn
6GH* Sn[h^[l^
90 Tb_ ]omnig_l mj_]c[f l_kocl_g_hn _rjl_mm [m mj_]c[f ]i^_ [`n_l _p[fo[ncha \s Iiha`[4 _4a4/99;0 mn[h^m `il jli^o]n ch []]il^[h]_ ni
JFD <699;37 /HWT0V
7?
8X]64;
649
748
7;48
8
94:W649
7848
r
74<
8
94:W649
7848
r
74<
64:X7/8\0
7?
8X]64;
649
64:X7
748
7;48



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com