Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAME54P20A Datasheet(PDF) 7 Page - Microchip Technology

Part # ATSAME54P20A
Description  SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAME54P20A Datasheet(HTML) 7 Page - Microchip Technology

Back Button ATSAME54P20A Datasheet HTML 3Page - Microchip Technology ATSAME54P20A Datasheet HTML 4Page - Microchip Technology ATSAME54P20A Datasheet HTML 5Page - Microchip Technology ATSAME54P20A Datasheet HTML 6Page - Microchip Technology ATSAME54P20A Datasheet HTML 7Page - Microchip Technology ATSAME54P20A Datasheet HTML 8Page - Microchip Technology ATSAME54P20A Datasheet HTML 9Page - Microchip Technology ATSAME54P20A Datasheet HTML 10Page - Microchip Technology ATSAME54P20A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Affected Silicon Revisions
A
X
1.5
Device
1.5.1
Device
The internal pull-up of the RESET pin is not functional.
Workaround
An external 100K pull-up must be added on the RESET pin.
Affected Silicon Revisions
A
X
1.5.2
Device
The detection of a debugger probe may fail if the "BOD33 Disable" fuse is cleared (i.e., BOD33 is
enabled).
Workaround
To secure the detection of debugger probes, enable BOD33 using the SUPC.BOD33 register instead of
the "BOD33 Disable" fuse. The "BOD33 Disable" fuse must be kept set.
Affected Silicon Revisions
A
X
1.5.3
Device
VBAT mode is not functional.
Workaround
None.
Affected Silicon Revisions
A
X
1.5.4
Device
When the internal reference is used with the DAC and ADC, their outputs become non-linear when the
operating temperature is less than 0°C.
SAM D5x/E5x Family
© 2017 Microchip Technology Inc.
DS80000748B-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com