Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSD1963QL9R Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
SSD1963
Rev 1.1
P 11/93
Jan 2010
Solomon Systech
5.2
128 pins LQFP
Figure 5-2 : Pinout Diagram – LQFP (Topview)
VDDD
1
96
VSS
VSS
2
95
VDDIO
VSS
3
94
VSS
VDDIO
4
93
VDDD
VSS
5
92
D20
VDDD
6
91
D21
D0
7
90
D22
D1
8
89
D23
D2
9
88
D18
D3
10
87
D19
D4
11
86
LDATA18
VDDIO
12
85
LDATA19
VSS
13
84
VDDLCD
VDDD
14
83
VSS
CLK
15
82
VDDD
VDDIO
16
81
LDATA0
VSS
17
80
LDATA1
VDDPLL
18
79
LDATA2
VSSPLL
19
78
LDATA3
VSS
20
77
LDATA4
VDDD
21
76
LDATA5
XTAL_IN
22
75
VDDLCD
VSS
23
74
VSS
XTAL_OUT
24
73
VDDD
VDDD
25
72
LDATA6
VSS
26
71
LDATA7
VDDLCD
27
70
LDATA8
LDATA23
28
69
LDATA9
LDATA22
29
68
LDATA10
LDATA21
30
67
LDATA11
LDATA20
31
66
VDDLCD
VDDD
32
65
VSS
SSD1963



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com