Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC560ALM3 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC560ALM3
Description  22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC560ALM3 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC560ALM3 Datasheet HTML 9Page - Analog Devices HMC560ALM3 Datasheet HTML 10Page - Analog Devices HMC560ALM3 Datasheet HTML 11Page - Analog Devices HMC560ALM3 Datasheet HTML 12Page - Analog Devices HMC560ALM3 Datasheet HTML 13Page - Analog Devices HMC560ALM3 Datasheet HTML 14Page - Analog Devices HMC560ALM3 Datasheet HTML 15Page - Analog Devices HMC560ALM3 Datasheet HTML 16Page - Analog Devices HMC560ALM3 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
HMC560ALM3
Rev. 0 | Page 13 of 22
Upconverter Performance at IF = 10 GHz, Upper Sideband
0
–20
–16
–12
–8
–4
28
40
RF FREQUENCY (GHz)
30
34
38
32
36
+85°C
+25°C
–40°C
Figure 36. Conversion Gain vs. RF Frequency at Various Temperatures,
LO = 13 dBm
40
0
5
15
25
35
10
20
30
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
28
40
30
34
38
32
36
Figure 37. Input IP3 vs. RF Frequency at Various Temperatures, LO = 13 dBm
0
–20
–16
–12
–8
–4
28
40
RF FREQUENCY (GHz)
30
34
38
32
36
15dBm
13dBm
11dBm
9dBm
Figure 38. Conversion Gain vs. RF Frequency at Various LO Power Levels,
TA = 25°C
40
0
5
15
25
35
10
20
30
RF FREQUENCY (GHz)
28
40
30
34
38
32
36
15dBm
13dBm
11dBm
9dBm
Figure 39. Input IP3 vs. RF Frequency at Various LO Power Levels,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com