Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SWTW-H1STR Datasheet(PDF) 2 Page - TT Electronics.

Part # SWTW-H1STR
Description  Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SWTW-H1STR Datasheet(HTML) 2 Page - TT Electronics.

  SWTW-H1STR Datasheet HTML 1Page - TT Electronics. SWTW-H1STR Datasheet HTML 2Page - TT Electronics. SWTW-H1STR Datasheet HTML 3Page - TT Electronics. SWTW-H1STR Datasheet HTML 4Page - TT Electronics. SWTW-H1STR Datasheet HTML 5Page - TT Electronics. SWTW-H1STR Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL SWTW
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
August 9, 2010
page 2 of 6
BI technologies
6 x 6 mm (G, X, J, and H styles only)
6 x 6 mm (S style only)
1
Contact our customer service for custom designs and features.
ORDERING INFORMATION1
SWTW - G 1 S TR
Model Series
Style
G – Top Actuation SMD – G Pin,
6 x 6 mm
X – Top Actuation SMD – G pin
with Ground, 6 x 6 mm
Available in Stem Height “2” &
Color “N” only
J – Top Actuation, SMD J pin
H –Top Actuation, Through hole
Stem Height (Colors Available)
1 – 2.3mm, available in Silver (S) only
2 – 3.1mm, available in Brown (N) only
3 – 3.5mm, available in N, R, T
4 – 3.8mm, available in N, R, T
5 – 4.5mm, available in N, R
6 – 5.2mm, available in N, R, T
Packaging
Blank – 75 pcs,/tube, Style H only
TR – Tape and Reel
Style G & X
Stem Height 1 & 2 – 2000 pcs
Stem Height 3 & 4 – 1900 pcs
Stem Height 5 & 6 – 900 pcs
Style J
Stem Height 1 – 2700 pcs
Stem Height 2 – 1900 pcs
Stem Height 3 & 4 – 1800 pcs
Stem Height 5 & 6 – 900 pcs
Color / Force
N – Brown, 160 gf for Stem 2, 180 gf for others
S – Silver, 160 gf
R – Red, 260 gf
T – Transparent, 360 gf
SWTW - S 1 W B B TR
Model Series
Style
S – Side Actuation,
SMD J pin style
Stem Height: (H)
1 – 2.8mm
2 – 4.35mm
3 – 2.3mm
4 – 4.0mm
Packaging
TR – Tape and Reel
Without Pick & Place tab – 600 pcs
With Pick & Place tab – 550 pcs
Stem Color / Force
W - White, 185 gf
R - Red, 260 gf
V - White, 260 gf
X – Red, 185 gf
Front Solder Pad
A – Without pad
(Option, Consult Factory)
B – With pad
Pick & Place Tab
A – Without tab
B – With tab



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com