Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RWZ Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # RWZ
Description  Disconnectable Crimp style Wire-to wire connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

RWZ Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  RWZ Datasheet HTML 1Page - JST Mfg. Co., Ltd. RWZ Datasheet HTML 2Page - JST Mfg. Co., Ltd. RWZ Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
No. of
circuits
1
RWZ CONNECTOR(Powersupplysystem
structure reinforced type)
Disconnectable Crimp style Wire-to wire connectors
This is the power supply system drawer
connector which realized excellent
toughness and durability by performing the
secure guide and positioning when mating
with assembled metal pin to the receptacle.
In addition to the ease of robust design of
the connection in equipment, provide
safety and security.
Specifications –––––––––––––––––––
• Current rating: The table below shows the current rating for each
combination of number of circuits and wire.
Note: Notes on branch current in parallel connection.
Do not branch in parallel current which exceeds the rated current
to plurality of circuits. If branched in parallel, current imbalance
or other problems may develop. If it is unavoidable to branch
current in parallel, be sure to control imbalance during applying
current. Design the circuits without causing imbalance and
provide an extra margin for current.
• Voltage rating: 250 V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10 mΩ max.
After environmental tests/ 20 mΩ max.
• Insulation resistance: 500 MΩ min.
• Withstanding voltage: 1,500 VAC/minute
• Applicable wire: Conductor size/ AWG #24 to #14
Insulation O.D. / 1.4 to 3.6 mm
• Mounting method: Screw
* In using the products, refer to "Handling Precaution for Terminal
and Connector" described on our website (Technical documents
of Product information page).
* Contact JST for details.
* RoHS2 Compliance
• Floating amount: ± 0.5 mm
• Space saving design
• High reliability contact
• Using the standard M4 screws to securing board


Similar Description - RWZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
BHS JST-BHS Datasheet
122Kb / 2P
3.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
2010
JFA JST-JFA Datasheet
886Kb / 23P
Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com