Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCC-HC21SR-S532-R1101 Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # XCC-HC21SR-S532-R1101
Description  Connector for CFexpress card (Type B)/XQD card
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XCC-HC21SR-S532-R1101 Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  XCC-HC21SR-S532-R1101 Datasheet HTML 1Page - JST Mfg. Co., Ltd. XCC-HC21SR-S532-R1101 Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
XCC CONNECTOR
XCC CONNECTOR
XCC CONNECTOR
XCC CONNECTOR
Connector for CFexpress card (Type B)
/XQDcard
XCC CONNECTOR
XCC CONNECTOR
XCC CONNECTOR
XCC CONNECTOR
Connector for CFexpress card (Type B)
/XQDcard
This is a card push type connector designed
for CFexpress card (Type B) and XQD card.
● Designed for CFexpress card (Type B)
● Designed for XQD card
● Stable transmission characteristics and
Conforming to CFexpress 1.0/PCle 3.0.
● Card eject system: Card push method
● With the prevention mechanism for the card
pop-out
Specifications
• Current rating: 1.2 A AC/DC for pin No. 10
0.5 A AC/DC for other pins than pin No. 10
• Temperature range: -25℃ to +85℃
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 40 mΩ max.
After environmental tests/ 55 mΩ max.
• Insulation resistance:
Initial/ 1,000 MΩ min. when applying 500 VDC
After environmental tests/ 100 MΩ min. when applying 500 VDC
• Withstanding voltage: 500 VAC/minute
• Guarantee of repeated mating/unmating performance: 12,000 cycles
• Applicable card:
Card conforming to CFexpress card (Type B) standard
Card conforming to XQD card standard
* In using the products, refer to “Handling Precaution for Terminal
and Connector” described on our website (Technical documents
of Product information page).
* Contact JST for details.
* RoHS2 compliance
1.9 ±0.05
1.9
18.7
0.7
0.7
Moving area of lock
±0.05
2.8 ±0.05
0.7 ±0.05
0.05
 X
16.6 ±0.05
20.2
Reverse
Normal
±0.05
0.7 ±0.05
0.7
±0.05
±0.05
4.5
±0.05
Pin No.1
2.9
±0.05
18.7
4.5
+ 0.1
0
2-φ1.2
±0.05
±0.05
24±0.05
15.55
Moving area of lock
34.6±0.05
3.4
20.4
18
13.2
8.8
28.8
X
1
1
1
11.2
2.4
A
±0.05
21-0.7
2-φ1.2
+0.1
0
PinNo.1
±0.05
0.3
±0.05
2.9
±0.05
2.2
±0.05
2.8
±0.05
30.85
±0.05
28.8
1
0.1 A
0.05
 X
1
1
1
1
Normal
Reverse
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative: 0.03 mm for all centers.
The dimensions above should serve as a guideline. Contact JST for details.
PC board layout


Similar Part No. - XCC-HC21SR-S532-R1101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XCC-01 ETC2-XCC-01 Datasheet
460Kb / 4P
Ultra-high efficiency 1U size
More results

Similar Description - XCC-HC21SR-S532-R1101

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
USB-B-S-RA ADAM-TECH-USB-B-S-RA Datasheet
158Kb / 1P
USB CONNECTOR TYPE B SINGLE PORT & TYPE B PLUG
logo
ALPS ELECTRIC CO.,LTD.
SCHA ALPS-SCHA Datasheet
213Kb / 4P
Connector for microSD??Card (Push-push Type)
SCHB ALPS-SCHB Datasheet
105Kb / 3P
Connector for microSD??Card (Hinge Cover Type)
SCHD ALPS-SCHD Datasheet
102Kb / 3P
Connector for microSD??Card (Header Type)
SCHG ALPS-SCHG Datasheet
374Kb / 3P
Combine Type Connector (for SIM Card 8pins, microSDTM Card)
logo
Yamaichi Electronics Co...
CN074-340-0003 YAMAICHI-CN074-340-0003 Datasheet
107Kb / 1P
AdvancedMCTM Connector for ATCA (Type AB mid size)
logo
AVX Corporation
8072-2 AVX-8072-2 Datasheet
342Kb / 1P
Type B Vertical Female for Backplanes
logo
Tyco Electronics
6-5179010-0 MACOM-6-5179010-0 Datasheet
77Kb / 2P
RECEPTACLE ASSEMBLY 13H TYPE FOR FH 0.8mm PITCH B-T-B CONNECTOR
logo
TE Connectivity Ltd
C-5179009 TEC-C-5179009 Datasheet
514Kb / 3P
RCEPTACLE ASSEMBLY 9H TYPE FOR FH 0.8mm PITCH B-T-B CONNECTOR
logo
Advantech Co., Ltd.
SQF-CFX-720-D ADVANTECH-SQF-CFX-720-D Datasheet
343Kb / 1P
PCIe Gen.3 x2 CFexpress
1-Jun-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com